Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1172 Datasheet (PDF) - Maxim Integrated Products

MAX1172 Datasheet PDF - Maxim Integrated Products
Part # MAX1172
Download  MAX1172 Download
File Size   84.33 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 30Msps, TTL-Output ADC

MAX1172 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1172 Datasheet PDF - Maxim Integrated Products

Part # MAX1172
Download  MAX1172 Click to download

File Size   84.33 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit, 30Msps, TTL-Output ADC

MAX1172 Datasheet (HTML) - Maxim Integrated Products


MAX1172 Product details

General Description
The MAX1172 analog-to-digital converter (ADC) is a 12-bit monolithic ADC capable of sample rates greater than 30Msps. An on-board input buffer and track/hold function ensure excellent dynamic performance without the need for external components. A 5pF input capacitance minimizes development problems.
   
Features
♦ Monolithic, 12-Bit, 30Msps Converter
♦ On-Chip Track/Hold
♦ ±2.0V Analog Input Range
♦ High Input Impedance
♦ 66dB SNR at 1MHz Input
♦ Low Power: 1.1W
♦ 5pF Input Capacitance
♦ TTL-Compatible Outputs
   
Applications
    Radar Receivers
    Professional Video
    Instrumentation
    Imaging
    Digital Communications
    Digital Spectrum Analyzers
   




Similar Part No. - MAX1172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results


Similar Description - MAX1172

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
10-bit 30MSPS ADC with PGA and Clamp
logo
Maxim Integrated Produc...
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
12-Bit, 200ksps, Serial Output ADC Family
logo
Linear Technology
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
12-Bit, 135Msps ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
12 bit ADC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com