Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet (PDF) - Wolfson Microelectronics plc

WM2331 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2331
Download  WM2331 Download
File Size   232.21 Kbytes
Page   25 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 10-bit 30MSPS ADC with PGA and Clamp

WM2331 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2331 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2331
Download  WM2331 Click to download

File Size   232.21 Kbytes
Page   25 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 10-bit 30MSPS ADC with PGA and Clamp

WM2331 Datasheet (HTML) - Wolfson Microelectronics plc


WM2331 Product details

DESCRIPTION
The WM2331 is a high speed, 10-bit pipeline analogue-to-digital converter (ADC) with on-chip programmable gain amplifier (PGA) and clamp circuit, and internal voltage references. Conversion is controlled by a single clock input.
The device has a high bandwidth differential sample and hold input, which gives excellent common-mode noise immunity and low distortion. Alternatively, it can be driven in single ended fashion with an optional voltage clamp for DC restoration that can take its reference from an on-chip 10-bit DAC or an external source.

FEATURES
• 10-bit resolution ADC
• 30MSPS conversion rate
• Programmable Gain Amplifier (PGA)
• Built in clamp function (DC restore) with 10-bit DAC
• Adjustable internal voltage references
• Wide Input Bandwidth - 150MHz
• Unsigned Binary or Two’s complement output format
• Programmable via parallel interface
• Independent analogue and digital supplies, 3V to 5.5V
• Low power - 92mW typical at 3.0V supplies
• Powerdown mode to 3mW typical
• 28-pin TSSOP package

APPLICATIONS
• Composite Video Digitisation
• Digital Copiers
• Digital Video Cameras
• Set Top Box (STB)
• IF and Baseband Digitisation
• Medical Imaging
• High Speed Data Acquisition




Similar Part No. - WM2331

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2331 MOLEX11-WM2331 Datasheet
76Kb / 1P
SPOX 7.92 / 3.96 REC HSG
More results


Similar Description - WM2331

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
LOW POWER 20 BIT ADC WITH PGA
logo
Maxim Integrated Produc...
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
logo
Analog Devices
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
logo
Texas Instruments
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com