Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2331 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
WM2331
10-bit 30MSPS ADC with PGA and Clamp
Production Data, April 2001, Rev 1.4
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
 2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM2331 is a high speed, 10-bit pipeline analogue-to-
digital converter (ADC) with on-chip programmable gain
amplifier (PGA) and clamp circuit, and internal voltage
references. Conversion is controlled by a single clock input.
The device has a high bandwidth differential sample and
hold input, which gives excellent common-mode noise
immunity and low distortion. Alternatively, it can be driven
in single ended fashion with an optional voltage clamp for
DC restoration that can take its reference from an on-chip
10-bit DAC or an external source.
The WM2331 provides internal reference voltages for
setting the ADC full-scale range without the requirement for
external circuitry.
However, it can also accept external
references for applications where common or high-precision
references are required.
A bidirectional 10-bit parallel interface is used both to
control the device and to read ADC conversion data. ADC
data can be output in unsigned binary or two’s complement
format. An out-of-range output pin indicates when the input
signal is outside the converter’s range.
The WM2331 operates with independent analogue and
digital supplies of 3V to 5.5V and is supplied in a 28-pin
TSSOP package.
FEATURES
•
10-bit resolution ADC
•
30MSPS conversion rate
•
Programmable Gain Amplifier (PGA)
•
Built in clamp function (DC restore) with 10-bit DAC
•
Adjustable internal voltage references
•
Wide Input Bandwidth - 150MHz
•
Unsigned Binary or Two’s complement output format
•
Programmable via parallel interface
•
Independent analogue and digital supplies, 3V to 5.5V
•
Low power - 92mW typical at 3.0V supplies
•
Powerdown mode to 3mW typical
•
28-pin TSSOP package
APPLICATIONS
•
Composite Video Digitisation
•
Digital Copiers
•
Digital Video Cameras
•
Set Top Box (STB)
•
IF and Baseband Digitisation
•
Medical Imaging
•
High Speed Data Acquisition
BLOCK DIAGRAM
AIN
ON-CHIP
REFERENCE
GENERATOR
ADC
Core
S/H
PGA
REFTS
DIO[9:0]
INPUT/
OUTPUT
BUFFERS
OVR
REFBS
MODE
REFSENSE
AGND
AVDD
REFBF
REFTF
CLAMP
LEVEL
DAC
CLAMP
AMPLIFIER
OEB
DGND
DVDD
CONTROL
REGISTERS
CLAMP
CLAMPIN
M
U
X
WR
TIMING
CONTROL
CLK
VREF
WM2331


Similar Part No. - WM2331

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2331 MOLEX11-WM2331 Datasheet
76Kb / 1P
SPOX 7.92 / 3.96 REC HSG
More results

Similar Description - WM2331

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
LOW POWER 20 BIT ADC WITH PGA
logo
Maxim Integrated Produc...
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
logo
Analog Devices
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
logo
Texas Instruments
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com