Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2331 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per JEDEC specifications A112 and A113, this product requires specific storage conditions prior to surface mount assembly. It
has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in vacuum-sealed moisture barrier
bags.
CONDITION
MIN
MAX
Digital supply voltage, DVDD to DGND
-0.3V
+6.5V
Analogue supply voltage, AVDD to AGND
-0.3V
+6.5V
Supply voltage difference, AVDD to DVDD
-6.5V
+6.5V
Ground difference, AGND to DGND
-0.3V
+0.3V
Voltage range digital inputs (DIO[9:0], WR, CLAMP, OEB)
DGND - 0.3V
DVDD + 0.3V
Voltage range analogue inputs (REFTS, REFBS, REFTF, REFBF, AIN,
VREF, REFSENSE, CLK, MODE)
AGND - 0.3V
AVDD + 0.3V
WM2331CDT
0°C+70°C
Operating temperature range, TA
WM2331IDT
-40
°C+85°C
Storage temperature
-65
°C
+150
°C
Lead temperature (1.6mm from package body for 10 seconds)
+300
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Digital supply range
DVDD
3.0
3.0
5.5
V
Analogue supply range
AVDD
3.0
3.0
5.5
V
Ground
DGND,AGND
0
V
Clock frequency
fCLK
530
MHz
Clock duty cycle
45
50
55
%
WM2331C
070
°C
Operating Free Air Temperature
TA
WM2331I
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com