Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
9
DEVICE DESCRIPTION
INTRODUCTION
The WM2331 is a high speed analogue-to-digital converter (ADC) with on-chip analogue pre-
processing and reference generation, designed for applications such as composite video digitisation,
digital copiers and and high speed data acquisition. The chip architecture consists of:
•
High bandwidth sample and hold input, which can operate in differential or single-
ended mode
•
Programmable gain amplifier (PGA)
•
Voltage clamp for DC restoration that can take its reference from an on-chip 10-bit
DAC or an external source
•
10-bit, 30MSPS pipeline analogue-to-digital converter (ADC) core
•
On-chip reference generator and reference buffer (external references can also be
used for applications where common or high precision references are required)
•
Bidirectional 10-bit parallel interface to read ADC conversion data and control the
device. ADC data can be output in unsigned binary or two’s complement format. An
out-of-range output pin indicates when the input signal is outside the converter’s range
ANALOGUE SIGNAL PATH
The WM2331 analogue signal path consists of a DC clamp with a 10-bit clamp level DAC (discussed
under ‘DC Clamp’, below), a high-bandwidth sample and hold unit followed by a programmable gain
amplifier (PGA) and a fast 10-bit pipelined analogue to digital converter (ADC core).
Figure 6 Analogue Input Signal Flow
Figure 6 shows the signal flow through the sample and hold unit and the PGA to the ADC core,
where the process of analogue to digital conversion is performed against the ADC reference
voltages, REFTF and REFBF (their generation from internal or external reference sources is
described later).
SAMPLE AND HOLD
The analogue input voltage VIN is applied to the AIN pin, either DC coupled, AC coupled, or AC
coupled with DC restoration using the WM2331 clamp circuit.
The differential sample and hold processes VIN with respect to the voltages applied to the REFTS
and REFBS pins, and produces a differential output VP = VP+ - VP- given by:
M
IN
P
V
V
V
−
=
where
2
REFBS
REFTS
V
M
+
=
For single-ended input signals, VM is a constant voltage; usually the AIN mid-scale input voltage.
However, in differential mode (see ‘ADC Reference Modes’, below), REFTS and REFBS can be
connected together to operate with AIN as a complementary pair of differential inputs.
SAMPLE
AND
HOLD
REFTS
REFBS
AIN
-1/2
+1
-1/2
PGA
VP+
VP-
REFTF
REFBF
ADC
CORE
VQ+
VQ-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com