Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 13Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 14Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 15Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
13
AVDD/2
AIN
REFSENSE
REFTF
REFBF
+FS
-FS
REFTS
REFBS
0.1µF
10µF
0.1µF
0.1µF
VREF
MODE
Figure 11 Differential Mode, 1V Reference Span
AVDD/2
AIN
REFSENSE
+FS
-FS
REFTS
REFBS
VM
VM
DC SOURCE =VM
REFTF
REFBF
0.1µF
0.1µF
0.1µF
10µF
+
-
MODE
Figure 12 Centre Span Mode, 2V Reference Span
TOP/BOTTOM MODE (MODE = AGND)
Top/Bottom mode is enabled by connecting the MODE pin to AVDD. In this mode, the ADC
Reference voltages REFTF and REFBF are generated by the internal reference buffer from the
externally supplied voltages REFTS and REFBS. Only single-ended input is possible in
TOP/BOTTOM Mode.
SAMPLE
AND
HOLD
REFTS
REFBS
AIN
-1/2
+1
-1/2
PGA
REFTF =
AVDD + (REFTS - REFBS)
ADC
CORE
INTERNAL
REFERENCE
BUFFER
REFBF =
AVDD - (REFTS - REFBS)
Figure 13 ADC Reference Generation in Top/Bottom Mode
The voltage difference between REFTS and REFBS should equal the peak-to-peak input signal
amplitude times the PGA gain (see ‘Analogue Signal Path’, above). A smaller voltage difference
would give rise to out-of-range conditions, whereas a larger one would not fully utilise the ADC
resolution. The average of REFTS and REFBS must be the AIN mid-scale voltage, VM.
Typically, REFSENSE is tied to AVDD to disable the on-chip reference generator, but the user can
also choose to use its output to drive either REFTS or REFBS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com