Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2331 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
4
ELECTRICAL CHARACTERISTICS
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 30MHz, 50% duty cycle, MODE = AVDD, REFTS = 2.5V, REFBS = 0.5V, PGA gain = 1.0,
TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Accuracy
Integral nonlinearity
INL
±1.0
±2.0
LSB
Differential nonlinearity
DNL
±0.3
±1.0
LSB
Offset error
0.4
2.0
% of FS
Gain error
1.4
3.5
% of FS
Missing codes
No missing codes guaranteed
Analogue Input Signal to AIN pin
MODE = AGND
REFBS
REFTS
MODE = AVDD / 2,
VCMCS fixed
VCMCS -
VREF/2
VCMCS +
VREF/2
V
Input signal range for unity PGA
gain (see Note 1)
MODE = AVDD
REFBS
REFTS
AIN voltage limits
AGND
AVDD
V
Switched input capacitance
1.2
pF
Analogue input bandwidth
-3dB amplitude
150
MHz
DC leakage current
± Full-scale input
±100
µA
Conversion Characteristics
Conversion frequency
fCLK
530
MHz
Pipeline delay
3
cycles of
CLK
Aperture delay
tA
4.0
ns
Aperture jitter
2.0
ps rms
Dynamic Performance
fIN = 3.5MHz
8.2
9.0
Effective number of bits
ENOB
fIN = 15MHz
7.7
bits
fIN = 3.5MHz
55
60
Spurious free dynamic range
SFDR
fIN = 15MHz
48
dB
fIN = 3.5MHz
-58
-54.7
Total harmonic distortion
THD
fIN = 15MHz
-47
dB
fIN = 3.5MHz
51.2
56
Signal to noise ratio
SNR
fIN = 15MHz
53
dB
fIN = 3.5MHz
51.1
56
Signal to noise and distortion
ratio
SNDR
fIN = 15MHz
48
dB
PGA
Gain range (linear scale)
0.5
4
V/V
Gain step size (linear scale)
0.5
V/V
Gain error from nominal
3%
Clamp
Clamp DAC resolution
10
bits
Clamp DAC output voltage
REFBF
REFTF
V
Clamp DAC DNL
-1
1
LSB
Clamp DAC DNL
±1
LSB
External clamp reference on
CLAMPIN
0.1
AVDD - 0.1
V
Clamp output voltage error
-40
40
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com