Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
8
TYPICAL SYSTEM PERFORMANCE
AVDD = DVDD = 3V, fS = 30 MSPS
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
128
256
384
512
640
768
896
1024
DIGITAL CODE
Figure 3 Differential Non-Linearity
AVDD = DVDD = 3V, fS = 30MSPS
-3
-2
-1
0
1
2
3
0
128
256
384
512
640
768
896
1024
DIGITAL CODE
Figure 4 Integral Non-Linearity
-140
-120
-100
-80
-60
-40
-20
0
03
69
12
15
Frequency (MHz)
AVDD = DVDD = 3V, fIN = 3.58MHz, -1dB FS
Figure 5 Fast Fourier Transform (FFT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com