Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2331 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 22Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 23Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 24Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
21
DRIVING THE INTERNAL REFERENCE BUFFER
DRIVING THE VREF PIN (DIFFERENTIAL MODE)
Figure 24 shows the equivalent load on the VREF pin when driving the internal reference buffer via
this pin (MODE = AVDD/2 and REFSENSE = AVDD).
VREF
REFSENSE=AVDD,
Mode = AVDD/2
+
-
(AVDD+VREF) / 4
R
IN
AVDD
AGND
14K
Figure 24 Equivalent Circuit of VREF
The input current IREF is given by
IN
REF
REF
R
AVDD
V
I
×
−
=
4
3
Tolerance on this current is
± 30 % or greater. The user should ensure that VREF is driven from a
low noise, low drift source, well-decoupled to analogue ground and capable of driving IREF.
DRIVING THE INTERNAL REFERENCE BUFFER (TOP/BOTTOM MODE)
Figure 25 shows the loading on the REFTS and REFBS pins in Top/Bottom mode due to the internal
reference buffer. Note that the sample and hold circuit must also be driven via these pins, which
adds additional load (see Driving the Sample & Hold Reference Inputs, above).
Mode = AVDD
+
-
AVDD + (REFTS + REFBS) / 4
R
IN
AGND
14K
AVDD
REFTS
or
REFBS
Figure 25 Equivalent Circuit of Inputs to Internal Reference Buffer
The input currents are given by:
IN
INTS
R
REFBS
AVDD
REFTS
I
×
−
−
=
4
3
and
IN
INBS
R
REFTS
AVDD
REFBS
I
×
−
−
=
4
3
These currents must be provided by the sources on REFTS and REFBS in addition to the
requirements of driving the sample and hold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com