Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX121 Datasheet (PDF) - Maxim Integrated Products

MAX121 Datasheet PDF - Maxim Integrated Products
Part # MAX121
Download  MAX121 Download
File Size   635.58 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 308Ksps ADC with DSP Interface and 78dB SINAD

MAX121 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX121 Datasheet PDF - Maxim Integrated Products

Part # MAX121
Download  MAX121 Click to download

File Size   635.58 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 308Ksps ADC with DSP Interface and 78dB SINAD

MAX121 Datasheet (HTML) - Maxim Integrated Products


MAX121 Product details

General Description
The MAX121 is a complete, BiCMOS, serial-output, sampling 14-bit analog-to-digital converter (ADC) that combines an on-chip track/hold and a low-drift, low noise, buried-zener voltage reference with fast conversion speed and low power consumption. The throughput rate is as high as 308k samples per second (ksps). The full scale analog input range is ±5V.
The MAX121 utilizes the successive-approximation architecture with a high-speed DAC to achieve both fast conversion speeds and low-power operation. Operating with +5V and -12V or -15V power supplies, power consumption is only 210mW.
The MAX121 can be directly interfaced to the serial port of most popular digital-signal processors, and comes in space-saving 16-pin DIP and SO and smaller 20-pin SSOP packages. The MAX121 operates with TTL- and CMOS-compatible clocks in the frequency range from 1.1MHz to 5.5MHz. All logic inputs and outputs are TTL and CMOS-compatible. This data sheet includes application notes for easy interface to TMS320, µPD77230, and ADSP2101 digital-signal processors, as well as µPs using the Motorola SPI and QSPI interface standards.

Benefts and Features
● 14-Bit Resolution
● 2.9µs Conversion Time/308ksps Throughput
● 400ns Acquisition Time
● Low Noise and Distortion
   • 78d8 SINAD
   • -85dB THD
● ±5V Bipolar Input Range, Overvoltage Tolerant to ±15V
● 210mW Power Dissipation
● Continuous-Conversion Mode Available
● 30ppm/°C, -5V Internal Reference
● Interfaces to DSP Processors
● 16-Pin DIP and SO Packages,
   20-Pin SSOP Package
  
Applications
● Digital Signal Processing
● Audio and Telecom Processing
● Speech Recognition and Synthesis
● DSP Servo Control
● Spectrum Analysis




Similar Part No. - MAX121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
609Kb / 29P
40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1211 MAXIM-MAX1211 Datasheet
762Kb / 28P
14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX1211 MAXIM-MAX1211 Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
65Msps, 12-Bit, IF Sampling ADC
2004
MAX1211ETL MAXIM-MAX1211ETL Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
More results


Similar Description - MAX121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7878 AD-AD7878 Datasheet
417Kb / 16P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV.A
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
PEF20570 INFINEON-PEF20570 Datasheet
170Kb / 8P
DSP Embedded Line and Port Interface Controller
2003-08-04
logo
Asahi Kasei Microsystem...
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
Audio DSP with 5-channel 24-bit ADC and Input Mux
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
AUDIO DSP WITH ANALOG INTERFACE
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
Audio DSP with 2-Channel ADC/SRC
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
AUDIO DSP WITH ANALOG INTERFACE
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
logo
Analog Devices
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
23-Feb-2017
logo
Maxim Integrated Produc...
MAX121 MAXIM-MAX121_V01 Datasheet
1Mb / 26P
308ksps ADC with DSP Interface and 78dB SINAD
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com