Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1491 Datasheet (PDF) - Maxim Integrated Products

MAX1491 Datasheet PDF - Maxim Integrated Products
Part # MAX1491
Download  MAX1491 Download
File Size   723.47 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers

MAX1491 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1491 Datasheet PDF - Maxim Integrated Products

Part # MAX1491
Download  MAX1491 Click to download

File Size   723.47 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers

MAX1491 Datasheet (HTML) - Maxim Integrated Products


MAX1491 Product details

General Description
The MAX1491/MAX1493/MAX1495 low-power, 3.5- and 4.5-digit, analog-to-digital converters (ADCs) with integrated liquid crystal display (LCD) drivers operate from a single 2.7V to 5.25V power supply. They include an internal reference, a high-accuracy on-chip oscillator, and a triplexed LCD driver. An internal charge pump generates the negative supply needed to power the integrated input buffer for single supply operation. The ADC is configurable for either a ±2V or ±200mV input range and it outputs its conversion results to an LCD. The MAX1491 is a 3.5-digit (±1999 count) device, and the MAX1493/MAX1495 are 4.5-digit (±19,999 count) devices.

Features
♦ High Resolution
    MAX1495: 4.5 Digits (±19,999 Count)
    MAX1493: 4.5 Digits (±19,999 Count)
    MAX1491: 3.5 Digits (±1999 Count)
♦ Sigma-Delta ADC Architecture
    No Integrating Capacitors Required
    No Autozeroing Capacitors Required
    >100dB of Simultaneous 50Hz and 60Hz Rejection
♦ Operate from a Single 2.7V or 5.25V Supply
♦ Selectable Input Range of ±200mV or ±2V
♦ Selectable Voltage Reference: Internal 2.048V or External
♦ Internal High-Accuracy Oscillator Needs No External Components
♦ Automatic Offset Calibration
♦ Low Power: Maximum 980µA Operating Current
♦ Small 32-Pin 7mm ✕ 7mm TQFP Package (4.5 Digits), 28-Pin SSOP Package (3.5 Digits), and 28- Pin DIP Package (3.5 Digits)
♦ Triplexed LCD Driver
♦ Evaluation Kit Available (Order MAX1494EVKIT)

Applications
    Digital Panel Meters
    Hand-Held Meters
    Digital Voltmeters
    Digital Multimeters




Similar Part No. - MAX1491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
Low Power and Heat Dissipation
Rev 3; 8/16
MAX14912 MAXIM-MAX14912 Datasheet
783Kb / 8P
High speed Push-Pull Digital Output
Rev 0; 5/18
MAX14912 MAXIM-MAX14912 Datasheet
5Mb / 24P
Reverse-Voltage Protection
Rev 0; 3/16
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
Reverse-Voltage Protection
Rev 0; 3/16
MAX14912PMB MAXIM-MAX14912PMB Datasheet
783Kb / 8P
High speed Push-Pull Digital Output
Rev 0; 5/18
More results


Similar Description - MAX1491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
3.5 DIGIT LCD GLASS PANEL
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
3.5 Digit LCD Backlit Green
logo
Maxim Integrated Produc...
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com