Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1497 Datasheet (PDF) - Maxim Integrated Products

MAX1497 Datasheet PDF - Maxim Integrated Products
Part # MAX1497
Download  MAX1497 Download
File Size   665.31 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface

MAX1497 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1497 Datasheet PDF - Maxim Integrated Products

Part # MAX1497
Download  MAX1497 Click to download

File Size   665.31 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface

MAX1497 Datasheet (HTML) - Maxim Integrated Products


MAX1497 Product details

General Description
The MAX1497/MAX1499 low-power, 3.5- and 4.5-digit, analog-to-digital converters (ADCs) with integrated light emitting diode (LED) drivers operate from a single 2.7V to 5.25V power supply. They include an internal reference, a high-accuracy on-chip oscillator, and a multiplexed LED display driver. An internal charge pump generates the negative supply needed to power the integrated input buffers for single-supply operation. The ADC is configurable for either a ±2V or ±200mV input range and it outputs its conversion results to an LED and/or to a microcontroller (µC). Microcontroller communication is possible through an SPI™-/QSPI™-/MICROWIRE™-compatible serial interface. The MAX1497 is a 3.5-digit (±1999 count) device and the MAX1499 is a 4.5-digit (±19,999 count) device.

Features
♦ High Resolution
    MAX1499: 4.5 Digits (±19,999 Count)
    MAX1497: 3.5 Digits (±1999 Count)
♦ Sigma-Delta ADC Architecture
    No Integrating Capacitors Required
    No Autozeroing Capacitors Required
    >100dB of Simultaneous 50Hz and 60Hz
    Rejection
♦ Operate from a Single 2.7V or 5.25V Supply
♦ Selectable Input Range of ±200mV or ±2V
♦ Selectable Voltage Reference: Internal 2.048V or External
♦ Internal High-Accuracy Oscillator Needs No External Components
♦ Automatic Offset Calibration
♦ Low Power (Exclude LED Driver Current)
    Maximum 664µA Operating Current
    Maximum 268µA Shutdown Current
♦ Small 32-Pin, 7mm x 7mm TQFP Package (4.5 Digits), 28-Pin SSOP Package (3.5 Digits)
♦ Also Available in a PDIP Package (3.5 Digits)
♦ Multiplexed LED Drivers Resistor-Programmable Segment Current
♦ SPI-/QSPI-/MICROWIRE-Compatible Serial Interface
♦ Extended Temperature Range (-40°C to +85°C)

Applications
    Digital Panel Meters
    Hand-Held Meters
    Digital Voltmeters
    Digital Multimeters




Similar Part No. - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP+ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970EVKIT# MAXIM-MAX14970EVKIT# Datasheet
599Kb / 13P
Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results


Similar Description - MAX1497

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
August 1997
logo
Maxim Integrated Produc...
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
Digit and/or segment drivers
August 31, 1994
logo
Maxim Integrated Produc...
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com