Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1447 Datasheet (PDF) - Maxim Integrated Products

MAX1447 Datasheet PDF - Maxim Integrated Products
Part # MAX1447
Download  MAX1447 Download
File Size   907.79 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers

MAX1447 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1447 Datasheet PDF - Maxim Integrated Products

Part # MAX1447
Download  MAX1447 Click to download

File Size   907.79 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers

MAX1447 Datasheet (HTML) - Maxim Integrated Products


MAX1447 Product details

General Description
The MAX1447/MAX1496/MAX1498 low-power, 3.5- and 4.5-digit, analog-to-digital converters (ADCs) with integrated light-emitting diode (LED) drivers operate from a single 2.7V to 5.25V power supply. They include an internal reference, a high-accuracy on-chip oscillator, and a multiplexed LED display driver. An internal charge pump generates the negative supply needed to power the integrated input buffers for single-supply operation

Features
♦ High Resolution
   MAX1447/MAX1498: 4.5 Digits (±19,999 Count)
   MAX1496: 3.5 Digits (±1999 Count)
♦ Sigma-Delta ADC Architecture
   No Integrating Capacitors Required
   No Autozeroing Capacitors Required
   >100dB of Simultaneous 50Hz and 60Hz
   Rejection
♦ Selectable Input Range of ±200mV or ±2V
♦ Selectable Voltage Reference: Internal 2.048V or
   External
♦ Internal High-Accuracy Oscillator Needs No
   External Components
♦ Automatic Offset Calibration
♦ On-Demand Enhanced Offset Calibration
(MAX1447)
♦ Operate from a Single 2.7V to 5.25V Supply
♦ Low Power (Exclude LED-Driver Current)
   Maximum 744µA Operating Current (MAX1496)
   Maximum 960µA Operating Current
   (MAX1447/MAX1498)
   Maximum 325µA Shutdown Current
♦ Multiplexed Common-Cathode LED Drivers
   Resistor-Programmable Segment Current
♦ Small 32-Pin, 7mm x 7mm TQFP Package (4.5
   Digits), 28-Pin SSOP Package (3.5 Digits)
♦ Also Available in a PDIP Package (3.5 Digits)

Applications
   Digital Panel Meters
   Hand-Held Meters
   Digital Voltmeters
   Digital Multimeters




Similar Part No. - MAX1447

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX144 MAXIM-MAX144 Datasheet
969Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1441 MAXIM-MAX1441 Datasheet
1Mb / 41P
Automotive, Two-Channel Proximity and Touch Sensor
Rev 0; 7/10
MAX1441EVSYS MAXIM-MAX1441EVSYS Datasheet
3Mb / 29P
Adaptive Firmware Source Code Included
Rev 1; 1/11
MAX1441EVSYS+ MAXIM-MAX1441EVSYS+ Datasheet
3Mb / 29P
Adaptive Firmware Source Code Included
Rev 1; 1/11
More results


Similar Description - MAX1447

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX1365 MAXIM-MAX1365 Datasheet
954Kb / 25P
Stand-Alone, 4.5-/3.5-Digit Panel Meters with 4-20mA Output
Rev 1; 1/06
logo
ams AG
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com