Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1686 Datasheet (PDF) - Maxim Integrated Products

MAX1686 Datasheet PDF - Maxim Integrated Products
Part # MAX1686
Download  MAX1686 Download
File Size   210.82 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM

MAX1686 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1686 Datasheet PDF - Maxim Integrated Products

Part # MAX1686
Download  MAX1686 Click to download

File Size   210.82 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM

MAX1686 Datasheet (HTML) - Maxim Integrated Products


MAX1686 Product details

General Description
The MAX1686 provides power for dual-voltage subscriber ID module (SIM) cards in portable applications such as GSM cellular phones. Designed to reside in the portable unit (cellular phone handset), the 1MHz charge pump converts a 2.7V to 4.2V input to regulated 5V output. The MAX1686H has a nominal output voltage of 5.0V, while the MAX1686 is set to 4.75V to reduce SIM card current drain. The charge pump has only 45µA quiescent supply current, which reduces to 3µA when a 3V-capable SIM card is being powered and the charge pump is disabled. An internal input/output shorting switch provides power for 3V SIM cards.
The MAX1686/MAX1686H require only three external capacitors around their space-saving, thin (1mm) 8-pin µMAX packages.

Features
♦ 2.7V to 4.2V Input Range
♦ 12mA min Charge-Pump Output Current
♦ 45µA Quiescent Supply Current
♦ 0.1µA Supply Current in Shutdown Mode
♦ 5.0V Regulated Charge-Pump Output (MAX1686H)
   4.75V Regulated Charge-Pump Output (MAX1686)
♦ Input-Output Shorting Switch for 3V Cards
♦ Small External Components
   (Uses a 0.047µF, 0.1µF, and a 2.2µF Capacitor)
♦ Output Driven to Ground in Shutdown Mode
♦ Super-Small 8-Pin µMAX Package
♦ Soft-Start and Short-Circuit Protection

Applications
   GSM Cellular Phones
   PCS Phones
   Portable POS Terminals
   Personal Communicators




Similar Part No. - MAX1686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1680 MAXIM-MAX1680 Datasheet
103Kb / 12P
125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 0; 7/97
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800 Datasheet
182Kb / 8P
High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800ATE MAXIM-MAX16800ATE Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800ATE+ MAXIM-MAX16800ATE+ Datasheet
200Kb / 9P
High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Similar Description - MAX1686

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
ams AG
AS1326 AMSCO-AS1326 Datasheet
1Mb / 18P
High Current, 0.8A DC-DC Step-Up Converters
logo
National Semiconductor ...
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
High Current, 0.8A DC-DC Step-Up Converters
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LTC3125 LINER-LTC3125_15 Datasheet
313Kb / 18P
1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Maxim Integrated Produc...
MAX1687 MAXIM-MAX1687 Datasheet
235Kb / 12P
Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com