Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326 Datasheet (PDF) - ams AG

AS1326 Datasheet PDF - ams AG
Part # AS1326
Download  AS1326 Download
File Size   1036.2 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High Current, 0.8A DC-DC Step-Up Converters

AS1326 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1326 Datasheet PDF - ams AG

Part # AS1326
Download  AS1326 Click to download

File Size   1036.2 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High Current, 0.8A DC-DC Step-Up Converters

AS1326 Datasheet (HTML) - ams AG


AS1326 Product details

General Description
The AS1326A/AS1326B are high-efficiency, high current, DC-DC step-up converters specifically designed for battery-powered wireless applications. Low quiescent supply current (65µA), high operating frequency (1MHz), and minimal external component requirements make these devices perfect for small hand-held applications.
   
Key Features
■ Up to 800mA Output
■ Constant-Frequency (1MHz) Operation
■ Up to 96% Efficiency
■ Input Range: 0.7 to 5.0V
■ Fixed Output: 3.3V
■ Adjustable Output: 2.5 to 5.0V
■ PWM Synchronous-Rectified Technology
■ Logic-Controlled Shutdown: 0.1µA
■ Synchronizable Switching Frequency
    (0.5 to 1.2MHz)
■ Adjustable Current Limit
■ Adjustable Soft-Start
■ 10-pin TDFN (3.0mm x 3.0mm) Package
   
Applications
    The devices are ideal for digital cordless phones. mobile
    phones, wireless handsets, hand-held instruments,
    PDAs, two-way pagers, and any battery-operated equipment.
   




Similar Part No. - AS1326

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1326 AMSCO-AS1326 Datasheet
1Mb / 19P
High Current, 0.8A DC-DC Step-Up Converters
AS1326A AMSCO-AS1326A Datasheet
1Mb / 18P
High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDR AMSCO-AS1326A-BTDR Datasheet
1Mb / 18P
High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDR AMSCO-AS1326A-BTDR Datasheet
1Mb / 19P
High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDT AMSCO-AS1326A-BTDT Datasheet
1Mb / 18P
High Current, 0.8A DC-DC Step-Up Converters
More results


Similar Description - AS1326

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
ams AG
AS1326 AMSCO-AS1326_1 Datasheet
1Mb / 18P
High Current, 0.8A DC-DC Step-Up Converters
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
High Current, 0.8A DC-DC Step-Up Converters
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
XC9145 TOREX-XC9145 Datasheet
1Mb / 28P
400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com