Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326 Datasheet(PDF) 5 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 5 Page - ams AG

  AS1326 Datasheet HTML 1Page - ams AG AS1326 Datasheet HTML 2Page - ams AG AS1326 Datasheet HTML 3Page - ams AG AS1326 Datasheet HTML 4Page - ams AG AS1326 Datasheet HTML 5Page - ams AG AS1326 Datasheet HTML 6Page - ams AG AS1326 Datasheet HTML 7Page - ams AG AS1326 Datasheet HTML 8Page - ams AG AS1326 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 18
AS1326
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Logic Inputs
CLK/SEL Input Low Level
2.5V
≤ VOUT ≤ 5.0V
0.2 x
VOUT
V
CLK/SEL Input High Level
2.5V
≤ VOUT ≤ 5.0V
0.8 x
VOUT
V
ON, ONN Input Low Level
6
1.1V
≤ VOUT ≤ 1.8V
0.2
V
1.8V
≤ VOUT ≤ 5.0V
0.4
ON, ONN Input High Level
6
1.1V
≤ VOUT ≤ 1.8V
VOUT -
0.2
V
1.8V
≤ VOUT ≤ 5.0V
1.6
Input Leakage Current
CLK/SEL, ON, ONN, TAMB = +25ºC
0.1
1
µA
Minimum CLK/SEL
Pulse Width
200
ns
Maximum CLK/SEL
Rise/Fall Time
100
ns
1. Operating voltage; since the regulator is bootstrapped to the output, once started, the AS1326 operates down to
0.7V input. If CLK/SEL = GND then VIN
≤ VOUT. If CLK/SEL = VOUT then VIN ≤ 0.75xVOUT.
2. Startup is tested with the circuit shown in Figure 25 on page 14.
3. Defines maximum step-up ratio.
4. The regulator is in startup mode until this voltage is reached. Caution: Do not apply full load current until the
device output > 2.3V.
5. Supply current into pin OUT. This current correlates directly to the actual battery-supply current, but is reduced
in value according to the step-up ratio and efficiency.
6. ON and ONN have a hysteresis of typically 0.15V.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com