Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1326 Datasheet(PDF) 9 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 9 Page - ams AG

Back Button AS1326 Datasheet HTML 5Page - ams AG AS1326 Datasheet HTML 6Page - ams AG AS1326 Datasheet HTML 7Page - ams AG AS1326 Datasheet HTML 8Page - ams AG AS1326 Datasheet HTML 9Page - ams AG AS1326 Datasheet HTML 10Page - ams AG AS1326 Datasheet HTML 11Page - ams AG AS1326 Datasheet HTML 12Page - ams AG AS1326 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 18
AS1326
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1326A/AS1326B are high-efficiency, low-noise DC-DC boost converters suitable as power supplies for portable
devices. Both devices feature integrated boost switching regulator, N-channel power MOSFET, P-channel synchro-
nous rectifier, precision reference, and shutdown control circuitry (see Figure 1 on page 1).
The AS1326A/AS1326B are able to boost a 1- to 3-cell battery voltage input to a fixed 3.3V output, or adjustable output
between 2.5 and 5.0V (an external Schottky diode is required for output voltages greater than 4V).
The devices are guaranteed to startup with an input voltage as low as 1.1V and remain operational down to an input of
as little as 0.7V, and are optimized for use in mobile phones and other RF applications which have low noise and low
quiescent current (extended battery life) requirements.
The integrated shutdown circuitry reduces device quiescent current down to 0.1µA.
Step-Up Converter
During boost operation, the internal N-channel MOSFET switch turns on for the first part of each cycle, allowing current
to ramp up in the inductor and store energy in a magnetic field. During the second part of each cycle, the MOSFET
turns off and inductor current flows through the synchronous rectifier to the output filter capacitor and the load. As the
energy stored in the inductor is depleted, the current ramps down and the synchronous rectifier turns off.
At light loads, the device operates at fixed-frequency or only as needed to maintain regulation, depending on the set-
ting of pin CLK/SEL (see Table 6).
Operational Modes
The AS1326A/AS1326B are capable of operating in 3 different modes (see Table 6) as controlled by pin CLK/SEL (see
page 2).
Normal Operation
When CLK/SEL is pulled low, the devices are in normal operating mode. In normal mode the devices operate in PWM
when driving medium-to-heavy loads, and automatically switches to automatic powersave mode if the load requires
less power. The use of automatic powersave mode will boost the efficiency futhermore at light-load conditions.
Forced-PWM Operation
Pulling CLK/SEL high, selects the low-noise PWM-only mode. During forced-PWM operation, the devices switch at a
constant frequency (1MHz) and modulates the MOSFET switch pulse width to control the power transferred per cycle
to regulate the output voltage. Switching harmonics generated by fixed-frequency operation are consistent and can be
filtered. See the Noise Spectrum plot in the Typical Operating Characteristics (see Figure 14 on page 7).
Table 5. Typical Output Voltages and Currents
# of NiCd/NiMh Cells
Input Voltage (V)
Output Voltage (V)
Output Current (mA)
1
1.2
3.3
335
2
2.4
3.3
800
2.4
5.0
450
3
3.6
5.0
800
Table 6. Operational Modes
CLK/SEL Setting
Operational Mode
Description
0
Normal
High-efficiency at all loads; Fixed-frequency (1MHz) at heavy and
medium loads.
1
Forced PWM
Fixed-frequency (1MHz), low-noise at all loads. VIN
≤ 0.75xVOUT
External 500kHz to
1.2MHz clock
Synchronized PWM
Fixed-frequency, low-noise at all loads. VIN
≤ 0.75xVOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com