Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1729 Datasheet (PDF) - Maxim Integrated Products

MAX1729 Datasheet PDF - Maxim Integrated Products
Part # MAX1729
Download  MAX1729 Download
File Size   158.53 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation

MAX1729 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1729 Datasheet PDF - Maxim Integrated Products

Part # MAX1729
Download  MAX1729 Click to download

File Size   158.53 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation

MAX1729 Datasheet (HTML) - Maxim Integrated Products


MAX1729 Product details

General Description
The MAX1729 micropower step-up/step-down DC-DC converter is ideally suited for electrically controlled birefringence (ECB) and liquid-crystal-display (LCD) bias supply generation. It provides step-up/step-down voltage conversion and reduces output ripple by using a step-up DC-DC converter followed by a linear regulator. This architecture permits a physically smaller inductor than those used in competing SEPIC and flyback topologies. This device features low quiescent current(67µA typical). A logic-controlled shutdown mode further reduces quiescent current to 0.4µA typical.

Features
♦ High-Accuracy Reference Voltage (±1%)
♦ ±11ppm/°C Output Voltage Drift
♦ On-Chip Temperature Sensor Output
♦ Accurate Voltage and Temperature Provide:
   Consistent ECB Colors
   Consistent LCD Gray-Scale Contrast
♦ +2.7V to +5.5V Input Voltage Range
♦ Output Voltage Range
    +2.5V to +16V in Internal Feedback Mode
    Programmable in External Feedback Mode
♦ Dynamic Control of the Output Voltage
♦ 67µA Supply Current
♦ 0.4µA Shutdown Current
♦ 10-Pin µMAX Package (1.09mm max height)
♦ Evaluation Kit Available (MAX1729EVKIT)




Similar Part No. - MAX1729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17290 MAXIM-MAX17290 Datasheet
1Mb / 18P
2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCC MAXIM-MAX17290ETCC Datasheet
1Mb / 18P
2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCD MAXIM-MAX17290ETCD Datasheet
1Mb / 18P
2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCE MAXIM-MAX17290ETCE Datasheet
1Mb / 18P
2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCF MAXIM-MAX17290ETCF Datasheet
1Mb / 18P
2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
More results


Similar Description - MAX1729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
logo
Fairchild Semiconductor
FAN3850T FAIRCHILD-FAN3850T Datasheet
409Kb / 11P
Microphone Pre-Amplifier with Temperature Compensation and Digital Output
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
For reduced voltage and temperature compensation
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
Designed for accurate temperature measurement, control and compensation
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
Wide temperature compensation and voltage range
logo
Maxim Integrated Produc...
MAX15158EVKIT MAXIM-MAX15158EVKIT Datasheet
1Mb / 15P
Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
logo
Pepperl+Fuchs Inc.
KT-LED-96-2R-24VDC PF-KT-LED-96-2R-24VDC Datasheet
784Kb / 3P
Temperature control unit with LED display and 24 VDC supply voltage
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com