Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16064 Datasheet (PDF) - Maxim Integrated Products

MAX16064 Datasheet PDF - Maxim Integrated Products
Part # MAX16064
Download  MAX16064 Download
File Size   1531.69 Kbytes
Page   52 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface

MAX16064 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16064 Datasheet PDF - Maxim Integrated Products

Part # MAX16064
Download  MAX16064 Click to download

File Size   1531.69 Kbytes
Page   52 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface

MAX16064 Datasheet (HTML) - Maxim Integrated Products


MAX16064 Product details

General Description
The MAX16064 is a fully integrated 4-channel digital power-supply controller and monitor IC that can be connected up to four power supplies to provide complete digital configurability. By interfacing to the power-supply reference input or feedback node, and the output enable, the MAX16064 takes control of the power supply to provide tracking, soft-start, sequencing, margining, and dynamic adjustment of the output voltage.

Features
♦ Accurate Voltage Output Control (AVOC) Controls Output Voltage with ±0.3% Accuracy
♦ PMBus Interface for Programming, Monitoring, Sequencing Up and Down, and Margining
♦ Output Voltage and Temperature Monitoring with Adjustable Monitor Rate
♦ Programmable Soft-Start and Soft-Stop Ramp Rates
♦ Power-Supply Control using REFIN or FB Terminals
♦ Master-Slave Clocking Option Provides Accurate Timing Reference Across Multiple Devices
♦ External EEPROM Interface for Autoboot on Power-Up
♦ 3.0V to 3.6V Operating Voltage Range
♦ 6mm x 6mm, 36-Pin TQFN Package

Applications
    Routers
    Servers
    Storage Systems
    Telecom/Networking
    DC-DC Modules and Power Supplies




Similar Part No. - MAX16064

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE+ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP+ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results


Similar Description - MAX16064

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
2Mb / 64P
Octal PMBus Power Supply Monitor and Controller with EEPROM
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface
January 28, 2011
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
Digital Controller for Power Supply Applications with PMBus Interface
REV. A
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com