Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1759 Datasheet (PDF) - Maxim Integrated Products

MAX1759 Datasheet PDF - Maxim Integrated Products
Part # MAX1759
Download  MAX1759 Download
File Size   191.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Buck/Boost Regulating Charge Pump in uMAX

MAX1759 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1759 Datasheet PDF - Maxim Integrated Products

Part # MAX1759
Download  MAX1759 Click to download

File Size   191.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Buck/Boost Regulating Charge Pump in uMAX

MAX1759 Datasheet (HTML) - Maxim Integrated Products


MAX1759 Product details

General Description
The MAX1759 is a buck/boost regulating charge pump that generates a regulated output voltage from a single lithium-ion (Li+) cell, or two or three NiMH or alkaline cells for small hand-held portable equipment. The MAX1759 operates over a wide +1.6V to +5.5V input voltage range and generates a fixed 3.3V or adjustable (2.5V to 5.5V) output (Dual Mode™). Maxim’s unique charge-pump architecture allows the input voltage to be higher or lower than the regulated output voltage. Despite its high 1.5MHz operating frequency, the MAX1759 maintains low 50µA quiescent supply current.

Features
♦ Regulated Output Voltage (Fixed 3.3V or Adjustable 2.5V to 5.5V)
♦ 100mA Guaranteed Output Current
♦ +1.6V to +5.5V Input Voltage Range
♦ Low 50µA Quiescent Supply Current
♦ 1µA Shutdown Mode
♦ Load Disconnected from Input in Shutdown
♦ High 1.5MHz Operating Frequency
♦ Uses Small Ceramic Capacitors
♦ Short-Circuit Protection and Thermal Shutdown
♦ Small 10-Pin µMAX Package

Applications
    Li+ Battery-Powered Applications
    Miniature Equipment
    Backup Battery Boost Converters
    Translators




Similar Part No. - MAX1759

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595 Datasheet
281Kb / 9P
85V AC to 265V AC or 120V DC to 375V DC Input Range
Rev 2; 11/14
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
MAX17595ATE+ MAXIM-MAX17595ATE+ Datasheet
1Mb / 22P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17595EVKIT MAXIM-MAX17595EVKIT Datasheet
281Kb / 9P
85V AC to 265V AC or 120V DC to 375V DC Input Range
Rev 2; 11/14
More results


Similar Description - MAX1759

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com