Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1864 Datasheet (PDF) - Maxim Integrated Products

MAX1864 Datasheet PDF - Maxim Integrated Products
Part # MAX1864
Download  MAX1864 Download
File Size   384.4 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description xDSL/Cable Modem Triple/Quintuple Output Power Supplies

MAX1864 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1864 Datasheet PDF - Maxim Integrated Products

Part # MAX1864
Download  MAX1864 Click to download

File Size   384.4 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description xDSL/Cable Modem Triple/Quintuple Output Power Supplies

MAX1864 Datasheet (HTML) - Maxim Integrated Products


MAX1864 Product details

General Description
The MAX1864/MAX1865 power-supply controllers are designed to address cost-conscious applications such as cable modem Consumer Premise Equipment (CPE), xDSL CPE, and set-top boxes. Operating off a low-cost, unregulated DC supply (such as a wall adapter output), the MAX1864 generates three positive outputs, and the MAX1865 generates four positive outputs and one negative output to provide a cost-effective system power supply.
The MAX1864 includes a current-mode synchronous step-down controller and two positive regulator gain blocks. The MAX1865 has one additional positive gain block and one negative regulator gain block. The main synchronous step-down controller generates a high-current output that is preset to 3.3V or adjustable from 1.236V to 0.8 ✕ VIN with an external resistive divider. The 100kHz/200kHz operating frequency allows the use of low-cost aluminum-electrolytic capacitors and low-cost power magnetics. Additionally, the MAX1864/MAX1865 step-down controllers sense the voltage across the low-side MOSFET’s on-resistance to efficiently provide the current-limit signal, eliminating the need for costly current-sense resistors.

Features
♦ 4.5V to 28V Input Voltage Range
♦ Master DC-DC Step-Down Converter
   Preset 3.3V or Adjustable (1.236V to 0.8 ✕ VIN)
   Output Voltage
   Fixed-Frequency (100kHz/200kHz) PWM
   Controller
   No Current-Sense Resistor
   Adjustable Current Limit
   95% Efficient
♦ Two (MAX1864)/Four (MAX1865) Analog Gain Blocks
   Positive Analog Blocks Drive Low-Cost PNP
   Pass Transistors to Build Positive Linear
   Regulators
   Negative Analog Block (MAX1865) Drives a
   Low-Cost NPN Pass Transistor to Build a
   Negative Linear Regulator
♦ Power-Good Indicator
♦ Soft-Start Ramp for All Positive Regulators

Applications
   xDSL, Cable, and ISDN Modems
   Set-Top Boxes
   Wireless Local Loop




Similar Part No. - MAX1864

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX186ACAP MAXIM-MAX186ACAP Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186ACPP MAXIM-MAX186ACPP Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186ACWP MAXIM-MAX186ACWP Datasheet
245Kb / 24P
Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
More results


Similar Description - MAX1864

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
MAX1997 MAXIM-MAX1997 Datasheet
766Kb / 31P
Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
logo
SL Power Electronics
FLU3-100 SLPOWER-FLU3-100 Datasheet
484Kb / 4P
100W TRIPLE OUTPUT SWITCHING POWER SUPPLIES
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
industrial grade, high efficiency, triple output power supplies
logo
B&K Precision Corporati...
1672 BK-1672 Datasheet
1Mb / 3P
Triple Output DC Power Supplies
1670A BK-1670A Datasheet
427Kb / 1P
Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
Triple Output DC Power Supplies
9130B BK-9130B Datasheet
511Kb / 4P
Programmable Triple Output DC Power Supplies
9140 BK-9140 Datasheet
2Mb / 7P
Triple Output Multi-Range DC Power Supplies
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com