Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2402 Datasheet (PDF) - Maxim Integrated Products

MAX2402 Datasheet PDF - Maxim Integrated Products
Part # MAX2402
Download  MAX2402 Download
File Size   65.39 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800MHz to 1000MHz Transmitter

MAX2402 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2402 Datasheet PDF - Maxim Integrated Products

Part # MAX2402
Download  MAX2402 Click to download

File Size   65.39 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800MHz to 1000MHz Transmitter

MAX2402 Datasheet (HTML) - Maxim Integrated Products


MAX2402 Product details

General Description
The MAX2402 transmitter integrates a double-balanced mixer, buffered local oscillator (LO) port, variable gain stage, and power amplifier into a single IC. It is intended for use in the 800MHz to 1000MHz band, and is compatible with both direct-sequence and frequencyhopping spread-spectrum designs in the 902MHz to 928MHz ISM band.

Features
♦ Low-Cost, Flexible Transmitter
♦ More than 100mW of Output Power into 50Ω
♦ Operates from 800MHz to 1000MHz
♦ Single +5V Supply
♦ 20-Pin SSOP Package
♦ Uses Less than 2µA in Power-Down
♦ More than 35dB of Power Adjustment Range
♦ LO Input Power Range from -6dBm to +6dBm
♦ 2V Linear Range on Modulation Input

Applications
    Direct-Sequence Spread-Spectrum Transmitter
    Frequency-Hopping Spread-Spectrum Transmitter
    FSK, GMSK, BPSK, and ASK Digital Transmitter
    AM and FM Analog Transmitter




Similar Part No. - MAX2402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2402 MAXIM-MAX2402 Datasheet
2Mb / 6P
Evaluation Kit
1996
MAX2402EVKIT-SO MAXIM-MAX2402EVKIT-SO Datasheet
2Mb / 6P
Evaluation Kit
1996
MAX2402 MAXIM-MAX2402_1 Datasheet
2Mb / 6P
Evaluation Kit
1996
More results


Similar Description - MAX2402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
List of Unclassifed Man...
M302E0622 ETC1-M302E0622 Datasheet
320Kb / 4P
VCXO 200MHz to 1000MHz
logo
Linear Technology
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
High speed up to 800MHz
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
logo
Qorvo, Inc
OS10040320PW QORVO-OS10040320PW Datasheet
337Kb / 4P
GaAs Optical Receiver 40MHz to 1000MHz
logo
Renesas Technology Corp
F0502 RENESAS-F0502 Datasheet
2Mb / 39P
Sampling IF Receiver 600MHz to 1000MHz
February 8,2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com