Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3185 Datasheet (PDF) - Maxim Integrated Products

MAX3185 Datasheet PDF - Maxim Integrated Products
Part # MAX3185
Download  MAX3185 Download
File Size   64.87 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs

MAX3185 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3185 Datasheet PDF - Maxim Integrated Products

Part # MAX3185
Download  MAX3185 Click to download

File Size   64.87 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs

MAX3185 Datasheet (HTML) - Maxim Integrated Products


MAX3185 Product details

General Description
The MAX3185 is a complete DTE RS-232 serial port designed to meet the stringent ESD requirements of the European community. All transmitter outputs and receiver inputs are protected to ±15kV using IEC 1000-4-2 Air-Gap Discharge, ±8kV using IEC 1000-4-2 Contact Discharge, and ±15kV using the Human Body Model.
The MAX3185 has three RS-232 transmitters, five RS-232 receivers, and no charge pump, optimizing it for operation in desktop PC and motherboard applications. It is guaranteed to run at data rates up to 230kbps, providing compatibility with popular software for communicating with personal computers. Power-supply current is less than 300µA for IDD and ISS, and less than 1mA for ICC.
The MAX3185 is pin and functionally compatible with the industry-standard 75185, so existing designs can instantly become EMC compliant. The MAX3185 is available in an SO package and in the tiny SSOP that further reduces board space.

Features
♦ Enhanced ESD Protection:
   ±15kV—Human Body Model
   ±8kV—IEC1000-4-2, Contact Discharge
   ±15kV—IEC1000-4-2, Air-Gap Discharge
♦ Latchup Free During an ESD Event
♦ 20-Pin SSOP and SO Packages
♦ Guaranteed 230kbps Data Rate
♦ Flow-Through Pinout
♦ Pin Compatible with SN75C185
♦ Complete DTE Serial Port

Applications
   Desktop PC
   Motherboards
   Instruments
   Equipment Meeting IEC1000-4-2




Similar Part No. - MAX3185

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX31850EVKIT MAXIM-MAX31850EVKIT Datasheet
1Mb / 13P
MAX31850/MAX31851 Evaluation Kit
Rev 0; 7/13
MAX31850EVKIT# MAXIM-MAX31850EVKIT# Datasheet
1Mb / 13P
MAX31850/MAX31851 Evaluation Kit
Rev 0; 7/13
MAX31851 MAXIM-MAX31851 Datasheet
1Mb / 25P
Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
More results


Similar Description - MAX3185

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV.0
logo
Maxim Integrated Produc...
MAX1406 MAXIM-MAX1406 Datasheet
72Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
19-1120; Rev 0; 9/96
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
MAX3209E MAXIM-MAX3209E Datasheet
111Kb / 8P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 1; 9/99
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com