Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3209E Datasheet (PDF) - Maxim Integrated Products

MAX3209E Datasheet PDF - Maxim Integrated Products
Part # MAX3209E
Download  MAX3209E Download
File Size   111.09 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops

MAX3209E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3209E Datasheet PDF - Maxim Integrated Products

Part # MAX3209E
Download  MAX3209E Click to download

File Size   111.09 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops

MAX3209E Datasheet (HTML) - Maxim Integrated Products


MAX3209E Product details

General Description

The MAX3209E is a complete, dual DTE RS-232 serial port (6 transmitters, 10 receivers) for motherboards and desktop PCs that ensures compliance with the stringent ESD requirements of the European Community. The device minimizes board space and power consumption by eliminating the need for a negative power supply; it integrates two serial ports and a charge pump into a single 38-pin TSSOP package.



Features

♦ Two Complete Serial Ports in a Single 38-Pin TSSOP Package

♦ Requires Only +12V Supply and Logic  Supply (+3V to +5.5V)

♦ No Negative Supply Required

♦ One Receiver Active per Port in Standby  for System Wake-Up

♦ 460kbps Data Rate; LapLink Compatible

♦ Enhanced ESD Protection

   ±15kV—Human Body Model

   ±8kV—IEC 1000-4-2, Contact Discharge

   ±15kV—IEC 1000-4-2, Air-Gap Discharge

♦ Low 50µA Standby Current

♦ Operates with Either +3V or +5V Logic

♦ Guaranteed Mouse Driveability

♦ Small 0.1µF Capacitors

♦ Flow-Through Pinout



Applications

  Desktop PCs

  Motherboards

  Instruments

  Equipment Requiring IEC 1000-4-2 Compliance

  Telecommunications

  Network Servers



 




Similar Part No. - MAX3209E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3209ECUU MAXIM-MAX3209ECUU Datasheet
262Kb / 12P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3209EEGL MAXIM-MAX3209EEGL Datasheet
262Kb / 12P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3209EEUU MAXIM-MAX3209EEUU Datasheet
262Kb / 12P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
More results


Similar Description - MAX3209E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1489E MAXIM-MAX1489E Datasheet
80Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
Rev 0; 8/95
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com