Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3262 Datasheet (PDF) - Maxim Integrated Products

MAX3262 Datasheet PDF - Maxim Integrated Products
Part # MAX3262
Download  MAX3262 Download
File Size   145.28 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single 5V, Fully Integrated, 155Mbps Laser Diode Driver

MAX3262 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3262 Datasheet PDF - Maxim Integrated Products

Part # MAX3262
Download  MAX3262 Click to download

File Size   145.28 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single 5V, Fully Integrated, 155Mbps Laser Diode Driver

MAX3262 Datasheet (HTML) - Maxim Integrated Products


MAX3262 Product details

General Description
The MAX3262 limiting amplifier with its high gain and wide bandwidth is ideal for use as a post amplifier in fiber-optic receivers with data rates up to 1Gbps. The amplifier’s gain can be adjusted between 33dB and 48dB. At maximum gain, signals as small as 6mVp-p can be amplified to drive devices with PECL inputs.
The MAX3262 has complementary loss-of-signal outputs for interfacing with open-fiber-control (OFC) circuitry. These outputs can be programmed to assert with input levels between 9mVp-p and 48mVp-p. LOS hysteresis for any programmed level is nominally 3.0dB, preserving a balance between noise immunity and dynamic range.

Features
♦ 900MHz Bandwidth
♦ 48dB Maximum Gain
♦ Chatter-Free LOS
♦ Programmable LOS Threshold
♦ Single +5V Power Supply
♦ Fully Differential Architecture

Applications
   1062Mbps Fibre Channel
   622Mbps SONET




Similar Part No. - MAX3262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32620 MAXIM-MAX32620 Datasheet
3Mb / 17P
MAX32620, MAX32621 Evaluation Kits
Rev 2; 2/17
MAX32620 MAXIM-MAX32620 Datasheet
3Mb / 17P
Micro-USB Type-B Connection to the IC is USB Device Controller
Rev 2; 2/17
MAX32620-EVKIT MAXIM-MAX32620-EVKIT Datasheet
3Mb / 17P
Micro-USB Type-B Connection to the IC is USB Device Controller
Rev 2; 2/17
MAX32620-EVKIT# MAXIM-MAX32620-EVKIT# Datasheet
3Mb / 17P
Micro-USB Type-B Connection to the IC is USB Device Controller
Rev 2; 2/17
MAX32620EVKIT MAXIM-MAX32620EVKIT Datasheet
3Mb / 17P
MAX32620, MAX32621 Evaluation Kits
Rev 2; 2/17
More results


Similar Description - MAX3262

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3261 MAXIM-MAX3261 Datasheet
230Kb / 12P
Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
19-0323; Rev 4; 8/97
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
logo
Micrel Semiconductor
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_12 Datasheet
427Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 3; 5/12
MAX3261 MAXIM-MAX3261_V01 Datasheet
397Kb / 12P
Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com