Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88802 Datasheet (PDF) - Micrel Semiconductor

SY88802 Datasheet PDF - Micrel Semiconductor
Part # SY88802
Download  SY88802 Download
File Size   77.49 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE

SY88802 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88802 Datasheet PDF - Micrel Semiconductor

Part # SY88802
Download  SY88802 Click to download

File Size   77.49 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE

SY88802 Datasheet (HTML) - Micrel Semiconductor


SY88802 Product details

DESCRIPTION
The SY88802 is a high speed current switch for driving a semiconductor laser diode in optical transmission applications. The modulation current (IOUT) is controlled by the current (IRSET) through the external resistor RSET. The output OUT is HIGH and no current flows through OUT when output enable is HIGH.
The device incorporates complementary open collector outputs with 25mA maximum current driving capability. The external resistor REXT must be placed between /OUT and VCC to dissipate the worst case power. RSER is recommended to compensate for laser diode matching issues.
The SY88802 utilizes the high performance bipolar ASSET™ technology.

FEATURES
■ Up to 155Mbps operation
■ Modulation current to 25mA
■ PECL output enable
■ Differential PECL inputs
■ Single 5V power supply
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 155Mbps SONET




Similar Part No. - SY88802

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER
SY88803VKC MICREL-SY88803VKC Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803VKC MICREL-SY88803VKC Datasheet
68Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803VKCTR MICREL-SY88803VKCTR Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
More results


Similar Description - SY88802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3262 MAXIM-MAX3262 Datasheet
145Kb / 12P
Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
19-0432; Rev 1b; 4/98
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Maxim Integrated Produc...
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com