Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88702 Datasheet (PDF) - Micrel Semiconductor

SY88702 Datasheet PDF - Micrel Semiconductor
Part # SY88702
Download  SY88702 Download
File Size   56.53 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE

SY88702 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88702 Datasheet PDF - Micrel Semiconductor

Part # SY88702
Download  SY88702 Click to download

File Size   56.53 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE

SY88702 Datasheet (HTML) - Micrel Semiconductor


SY88702 Product details

DESCRIPTION
The SY88702 is a high-speed current switch for driving a semiconductor laser diode in optical transmission applications. The modulation current (IOUT) is controlled by the current (IRSET) through the external resistor RSET. The output OUT is HIGH and no current flows through OUT when output enable is HIGH.
The device incorporates complementary open collector outputs with 25mA maximum current driving capability. The external resistor REXT must be placed between /OUT and VCC to dissipate the worst case power. RSER is recommended to compensate for laser diode matching issues.
The SY88702 utilizes the high performance bipolar ASSET™ technology.

FEATURES
■ Up to 622Mbps operation
■ Modulation current to 25mA
■ PECL output enable
■ Differential PECL inputs
■ Single 5V power supply
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 622Mbps SONET




Similar Part No. - SY88702

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88703V MICREL-SY88703V Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88703V MICREL-SY88703V Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88703VKC MICREL-SY88703VKC Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88703VKC MICREL-SY88703VKC Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88703VKCTR MICREL-SY88703VKCTR Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
More results


Similar Description - SY88702

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com