Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL1003 Datasheet (PDF) - Micrel Semiconductor

SY100EL1003 Datasheet PDF - Micrel Semiconductor
Part # SY100EL1003
Download  SY100EL1003 Download
File Size   92.6 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LASER DIODE DRIVER WITH OUTPUT ENABLE

SY100EL1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL1003 Datasheet PDF - Micrel Semiconductor

Part # SY100EL1003
Download  SY100EL1003 Click to download

File Size   92.6 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description LASER DIODE DRIVER WITH OUTPUT ENABLE

SY100EL1003 Datasheet (HTML) - Micrel Semiconductor


SY100EL1003 Product details

DESCRIPTION
The SY100EL1003 is a high speed current source for driving a semiconductor laser diode in optical transmission applications. The output current modulation is DC – voltage controlled. The modulation current is disabled when output enable is HIGH.

FEATURES
■ Up to 1.25Gbps operation
■ 75mA peak drive current
■ Separate modulation control
■ Separate output enable for laser safety
■ Differential inputs for data
■ 75KΩ input pulldown resistor
■ Single power supply
■ Available in 16-pin SOIC package




Similar Part No. - SY100EL1003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003 Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZC MICREL-SY100EL1003ZC Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZCTR MICREL-SY100EL1003ZCTR Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZG MICREL-SY100EL1003ZG Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003ZGTR MICREL-SY100EL1003ZGTR Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
More results


Similar Description - SY100EL1003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
Four-hannel Laser Diode Driver with Dual Output
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
logo
Renesas Technology Corp
ISL58303 RENESAS-ISL58303 Datasheet
179Kb / 2P
800mA Triple Output Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com