Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88722V Datasheet (PDF) - Micrel Semiconductor

SY88722V Datasheet PDF - Micrel Semiconductor
Part # SY88722V
Download  SY88722V Download
File Size   56.64 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE

SY88722V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88722V Datasheet PDF - Micrel Semiconductor

Part # SY88722V
Download  SY88722V Click to download

File Size   56.64 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE

SY88722V Datasheet (HTML) - Micrel Semiconductor


SY88722V Product details

DESCRIPTION
The SY88722V is a high speed current switch for driving a semiconductor laser diode in optical transmission applications. The modulation current (IOUT) is controlled by the current (IRSET) through the external resistor RSET. The output OUT is HIGH and no current flows through OUT when output enable is HIGH.
The device incorporates complementary open collector outputs with a 30mA maximum current driving capability. The external resistor REXT must be placed between /OUT and VCC to dissipate the worst case power. RSER is recommended to compensate for laser diode matching issues. Pins 9 and 10 should be connected to achieve better performance.
The SY88722V utilizes the high performance bipolar ASSET™ technology.

FEATURES
■ Single 3.3V or 5V power supply
■ Up to 622Mbps operation
■ Modulation current to 30mA
■ PECL output enable
■ Differential PECL inputs
■ Available in a tiny 10-pin (3mm) MSOP

APPLICATIONS
■ 622Mbps SONET




Similar Part No. - SY88722V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KC MICREL-SY88702KC Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KCTR MICREL-SY88702KCTR Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KI MICREL-SY88702KI Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KITR MICREL-SY88702KITR Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results


Similar Description - SY88722V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com