Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3266 Datasheet (PDF) - Maxim Integrated Products

MAX3266 Datasheet PDF - Maxim Integrated Products
Part # MAX3266
Download  MAX3266 Download
File Size   152.37 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs

MAX3266 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3266 Datasheet PDF - Maxim Integrated Products

Part # MAX3266
Download  MAX3266 Click to download

File Size   152.37 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs

MAX3266 Datasheet (HTML) - Maxim Integrated Products


MAX3266 Product details

General Description
The MAX3266 is a transimpedance preamplifier for 1.25Gbps local area network (LAN) fiber optic receivers. The circuit features 200nA input-referred noise, 920MHz bandwidth, and 1mA input overload. The MAX3267 provides a pin-for-pin compatible solution for communications up to 2.5Gbps. It features 500nA input-referred noise, 1.9GHz bandwidth, and 1mA input overload.
Both devices operate from a +3.0V to +5.5V single supply and require no compensation capacitor. They also include a space-saving filter connection that provides positive bias for the photodiode through a 1.5kΩ resistor to VCC. These features allow easy assembly into a TO-46 or TO-56 header with a photodiode.
The 1.25Gbps MAX3266 has a typical optical dynamic range of -24dBm to 0dBm in a shortwave (850nm) configuration or -27dBm to -3dBm in a longwave (1300nm) configuration. The 2.5Gbps MAX3267 has a typical optical dynamic range of -21dBm to 0dBm in a shortwave configuration or -24dBm to -3dBm in a long wave configuration.

Features
♦ 200nA Input-Referred Noise (MAX3266)
   500nA Input-Referred Noise (MAX3267)
♦ 920MHz Bandwidth (MAX3266)
   1900MHz Bandwidth (MAX3267)
♦ 1mA Input Overload
♦ +3.0V to +5.5V Single-Supply Voltage

Applications
   Gigabit Ethernet
   1Gbps to 2.5Gbps Optical Receivers
   Fibre Channel




Similar Part No. - MAX3266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3266 MAXIM-MAX3266 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
MAX32660 MAXIM-MAX32660 Datasheet
560Kb / 7P
MAX32660 Evaluation Kit
Rev 0; 2/18
MAX32660 MAXIM-MAX32660 Datasheet
1Mb / 8P
MAX32660 Evaluation System
Rev 1; 9/18
MAX32660 MAXIM-MAX32660 Datasheet
1Mb / 8P
MAX32625PICO-Based Debug Adapter
Rev 1; 9/18
More results


Similar Description - MAX3266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3864 MAXIM-MAX3864 Datasheet
867Kb / 12P
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier
19-1790; Rev 0; 8/00
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX3825 MAXIM-MAX3825 Datasheet
616Kb / 8P
3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Rev 0; 11/00
PHY1095 MAXIM-PHY1095 Datasheet
329Kb / 10P
1.25Gbps High Sensitivity Transimpedance Amplifier
19-5689; Rev 1/11
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
2.5Gbps High Sensitivity Transimpedance Amplifier
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com