Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3864 Datasheet (PDF) - Maxim Integrated Products

MAX3864 Datasheet PDF - Maxim Integrated Products
Part # MAX3864
Download  MAX3864 Download
File Size   867.78 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier

MAX3864 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3864 Datasheet PDF - Maxim Integrated Products

Part # MAX3864
Download  MAX3864 Click to download

File Size   867.78 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier

MAX3864 Datasheet (HTML) - Maxim Integrated Products


MAX3864 Product details

General Description
The MAX3864 is a transimpedance preamplifier for applications in SDH/SONET systems operating up to 2.5Gbps. It features 490nA (typ) input-referred noise, 2.0GHz bandwidth, and 2mA input overload.

Features
♦ 490nA (typ) Input-Referred Noise
♦ 2000MHz Bandwidth
♦ 2mA Input Overload
♦ 100Ω Differential Output Impedance
♦ 112mW Power Dissipation at +3.3V
♦ Integrated Filter Resistor
♦ CML Outputs
♦ Single +3.0V to +5.5V Supply Voltage

Applications
    SDH/SONET Transmission Systems
    PIN Preamplifier Receivers
    APD Preamplifier Receivers
    2.5Gbps ATM Receivers
    Regenerators for SDH/SONET




Similar Part No. - MAX3864

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
logo
Analog Devices
MAX38640 AD-MAX38640 Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
logo
Maxim Integrated Produc...
MAX38640AELT+ MAXIM-MAX38640AELT+ Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
logo
Analog Devices
MAX38640AELT+ AD-MAX38640AELT+ Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
logo
Maxim Integrated Produc...
MAX38640AENT+ MAXIM-MAX38640AENT+ Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
More results


Similar Description - MAX3864

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
logo
Maxim Integrated Produc...
MAX3260 MAXIM-MAX3260 Datasheet
57Kb / 4P
1GHz Transimpedance Preamplifier with 25dB Dynamic Range
19-0322; Rev 0; 10/94
MAX3266 MAXIM-MAX3266 Datasheet
152Kb / 8P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
Wide input voltage range (2.4V to 5.5V)
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com