Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3260 Datasheet (PDF) - Maxim Integrated Products

MAX3260 Datasheet PDF - Maxim Integrated Products
Part # MAX3260
Download  MAX3260 Download
File Size   57.21 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1GHz Transimpedance Preamplifier with 25dB Dynamic Range

MAX3260 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3260 Datasheet PDF - Maxim Integrated Products

Part # MAX3260
Download  MAX3260 Click to download

File Size   57.21 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1GHz Transimpedance Preamplifier with 25dB Dynamic Range

MAX3260 Datasheet (HTML) - Maxim Integrated Products


MAX3260 Product details

General Description
The MAX3260 high-speed transimpedance amplifier is ideally suited for Fibre Channel and SDH/SONET applications. An extended dynamic range makes the
MAX3260 useful in optical receiver systems with as much as 25dB of input signal range. A DC-restore feed back network prevents amplifier saturation in all Fibre Channel applications by allowing input currents as high as 900µA to be amplified linearly. To reduce noise, the restore function is disabled at low input levels, allowing detection of signals as small as 2.4µA with a signal-to noise ratio of 10.
The filter output (FILTER) of the MAX3260 provides a convenient voltage source for a photodiode, especially when the circuit will be placed into a TO-style header with the photodiode. The filter output is connected to VCC through a 1kΩ on-chip resistor. In combination with a bypass capacitor, the filter function significantly reduces the amount of noise present at the cathode of the photodiode.
The MAX3260 operates from a single +5V supply consuming only 115mW of power when the output is AC coupled. With 50Ω output termination, it consumes less than 300mW of power.

Features
♦ 1GHz Bandwidth
♦ Single 5V Supply
♦ 25dB Dynamic Range
♦ Optimized for TO-Style Header

Applications
   High-Speed Fiber Optics
   531Mbps and 1062Mbps Fibre Channel
   622Mbps SDH/SONET
   Current-to-Voltage Converters
   PIN-Preamp Headers




Similar Part No. - MAX3260

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32600 MAXIM-MAX32600 Datasheet
606Kb / 35P
Wellness Measurement Microcontroller
19-6947; Rev 7; 6/17
MAX32600-J85A+ MAXIM-MAX32600-J85A+ Datasheet
606Kb / 35P
Wellness Measurement Microcontroller
19-6947; Rev 7; 6/17
MAX32600-J85B+ MAXIM-MAX32600-J85B+ Datasheet
606Kb / 35P
Wellness Measurement Microcontroller
19-6947; Rev 7; 6/17
MAX32600-P85A+ MAXIM-MAX32600-P85A+ Datasheet
606Kb / 35P
Wellness Measurement Microcontroller
19-6947; Rev 7; 6/17
MAX32600-P85B+ MAXIM-MAX32600-P85B+ Datasheet
606Kb / 35P
Wellness Measurement Microcontroller
19-6947; Rev 7; 6/17
More results


Similar Description - MAX3260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
logo
Maxim Integrated Produc...
MAX3664 MAXIM-MAX3664 Datasheet
236Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-0479; Rev 1; 7/97
MAX3665 MAXIM-MAX3665 Datasheet
584Kb / 12P
622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET
19-1601; Rev 0; 1/00
MAX3864 MAXIM-MAX3864 Datasheet
867Kb / 12P
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier
19-1790; Rev 0; 8/00
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
MAX4207 MAXIM-MAX4207 Datasheet
386Kb / 15P
Precision Transimpedance Logarithmic Amplifier with Over 5 Decades of Dynamic Range
Rev 1; 6/04
MAX4206 MAXIM-MAX4206 Datasheet
1Mb / 17P
Precision Transimpedance Logarithmic Amplifier with Over 5 Decades of Dynamic Range
Rev 0; 12/03
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
MAX4206 MAXIM-MAX4206_V01 Datasheet
320Kb / 17P
Precision Transimpedance Logarithmic Amplifier with Over 5 Decades of Dynamic Range
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com