Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066 Datasheet (PDF) - Maxim Integrated Products

4066 Datasheet PDF - Maxim Integrated Products
Part # 4066
Download  4066 Download
File Size   112.75 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches

4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
4066 Datasheet PDF - Maxim Integrated Products

Part # 4066
Download  4066 Click to download

File Size   112.75 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches

4066 Datasheet (HTML) - Maxim Integrated Products


4066 Product details

General Description

The MAX4066/MAX4066A quad, SPST, CMOS analog switches are designed to provide superior performance over the industry-standard devices. These new switch es feature guaranteed operation from +2.0V to +16V and are fully specified at 3V, 5V, and 12V. Both parts offer 45Ωon-resistance and 2Ωchannel-to-channel matching at 12V, plus 4Ωflatness over the specified signal range.



Features

♦Pin Compatible with 74HC4066

♦Guaranteed On-Resistance:

  170Ωmax (3V supply)

  45Ωmax (12V supply)

♦Guaranteed Match Between Channels:

  4Ωmax (MAX4066)

  2Ωmax (MAX4066A)

♦Guaranteed Low Leakage Currents:

  1nA at +25°C (MAX4066)

  100pA at +25°C (MAX4066A)

♦Single-Supply Operation from +2.0V to +16V

♦V+ to GND Signal Handling

♦TTL/CMOS-Logic Compatible

♦Low Power Consumption: 0.5µW

♦Low Crosstalk: -86dB

♦Low Off Isolation: -58dB

♦Low Distortion: 0.03%

♦Wide Bandwidth: > 100MHz



Applications

Battery-Operated Equipment

Audio and Video Signal Routing

Low-Voltage Data-Acquisition Systems

Sample-and-Hold Circuits

Communication Circuits




Similar Part No. - 4066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
4066 NSC-4066 Datasheet
169Kb / 8P
Quad Bilateral Switch
logo
ON Semiconductor
4066 ONSEMI-4066 Datasheet
276Kb / 12P
Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
logo
STMicroelectronics
4066 STMICROELECTRONICS-4066 Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
4066 STMICROELECTRONICS-4066 Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
logo
Toshiba Semiconductor
4066 TOSHIBA-4066 Datasheet
315Kb / 7P
QUAD BILATERAL SWITCH
More results


Similar Description - 4066

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Pericom Semiconductor C...
PS4066 PERICOM-PS4066 Datasheet
568Kb / 9P
Low-Cost, Quad, SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com