Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330CI Datasheet (PDF) - Integrated Device Technology

ICS84330CI Datasheet PDF - Integrated Device Technology
Part # ICS84330CI
Download  ICS84330CI Download
File Size   206.2 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Crystal oscillator interface

ICS84330CI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84330CI Datasheet PDF - Integrated Device Technology

Part # ICS84330CI
Download  ICS84330CI Click to download

File Size   206.2 Kbytes
Page   20 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Crystal oscillator interface

ICS84330CI Datasheet (HTML) - Integrated Device Technology


ICS84330CI Product details

General Description
The ICS84330CI is a general purpose, single output high frequency synthesizer. The VCO operates at a frequency range of 250MHz to 720MHz. The VCO and output frequency can be programmed using the serial or parallel interfaces to the configuration logic. The output can be configured to divide the VCO frequency by 1, 2, 4, and 8. Output frequency steps as small as 250kHz to 2MHz can be achieved using a 16MHz crystal depending on the output divider settings.

Features
• Fully integrated PLL, no external loop filter requirements
• One differential 3.3V LVPECL output
• Crystal oscillator interface: 10MHz to 25MHz
• Output frequency range: 31.25MHz to 720MHz
• VCO range: 250MHz to 720MHz
• Parallel or serial interface for programming M and N dividers during power-up
• RMS period jitter: 6ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS5) and lead-free (RoHS 6) packages




Similar Part No. - ICS84330CI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84330CI ICST-ICS84330CI Datasheet
280Kb / 19P
720MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A DECEMBER 7, 2004
More results


Similar Description - ICS84330CI

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Vectron International, ...
MD-173 VECTRON-MD-173 Datasheet
727Kb / 6P
High Stability Coefficient Oscillator -I2C interface Oven Controlled Crystal Oscillator
MD-203 VECTRON-MD-203 Datasheet
1Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-223 VECTRON-MD-223 Datasheet
2Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
logo
Integrated Device Techn...
ICS83905I IDT-ICS83905I Datasheet
428Kb / 17P
Crystal oscillator interface
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Microsemi Corporation
MD-223 MICROSEMI-MD-223 Datasheet
2Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-203 MICROSEMI-MD-203 Datasheet
1Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com