Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330CI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS84330CI Datasheet HTML 2Page - Integrated Device Technology ICS84330CI Datasheet HTML 3Page - Integrated Device Technology ICS84330CI Datasheet HTML 4Page - Integrated Device Technology ICS84330CI Datasheet HTML 5Page - Integrated Device Technology ICS84330CI Datasheet HTML 6Page - Integrated Device Technology ICS84330CI Datasheet HTML 7Page - Integrated Device Technology ICS84330CI Datasheet HTML 8Page - Integrated Device Technology ICS84330CI Datasheet HTML 9Page - Integrated Device Technology ICS84330CI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICS84330CVI REVISION A JANUARY 7, 2011
6
©2011 Integrated Device Technology, Inc.
ICS84330CI Data Sheet
720MHZ, CRYSTAL-TO-LVPECL FREQUENCY SYNTHESIZER
Table 5. Crystal Characteristics
Table 6. Input Frequency Characteristics, VCC = 3V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: For the crystal frequency range, the M value must be set to achieve the minimum or maximum VCO frequency range of 250MHz to
720MHz. Using the minimum input frequency of 10MHz, valid values of M are 200
 M  511. Using the maximum input frequency of 25MHz,
valid values of M are 80
 M  230.
NOTE 2: Maximum frequency on FREF_EXT is dependent on the internal M counter limitations. See Application Information Section for
recommendations on optimizing the performance using the FREF_EXT input.
AC Electrical Characteristics
Table 7. AC Characteristics, VCC = 3.3V±5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
See Parameter Measurement Information section.
NOTE: Characterized using 16MHz XTAL.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: See Applications section.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
10
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input Frequency
XTAL; NOTE 1
10
25
MHz
S_CLOCK
50
MHz
FREF_EXT; NOTE 2
10
MHz
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
720
MHz
tjit(per)
Period Jitter, RMS; NOTE 1. 2
6
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1, 2
fOUT
 43.75MHz
40
ps
fOUT < 43.75MHz
50
ps
tR / tF
Output Rise/Fall Time
20% to 80%
200
600
ps
tS
Setup Time
S_DATA to S_CLOCK
20
ns
S_CLOCK to S_LOAD
20
ns
M, N to nP_LOAD
20
ns
tH
Hold Time
S_DATA to S_CLOCK
20
ns
M, N to nP_LOAD
20
ns
tL
PLL Lock Time
10
ms
odc
Output Duty Cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com