Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330CI Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS84330CI Datasheet HTML 12Page - Integrated Device Technology ICS84330CI Datasheet HTML 13Page - Integrated Device Technology ICS84330CI Datasheet HTML 14Page - Integrated Device Technology ICS84330CI Datasheet HTML 15Page - Integrated Device Technology ICS84330CI Datasheet HTML 16Page - Integrated Device Technology ICS84330CI Datasheet HTML 17Page - Integrated Device Technology ICS84330CI Datasheet HTML 18Page - Integrated Device Technology ICS84330CI Datasheet HTML 19Page - Integrated Device Technology ICS84330CI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ICS84330CVI REVISION A JANUARY 7, 2011
16
©2011 Integrated Device Technology, Inc.
ICS84330CI Data Sheet
720MHZ, CRYSTAL-TO-LVPECL FREQUENCY SYNTHESIZER
Package Outline and Package Dimensions
Package Outline - V Suffix for 28 Lead PLCC
Table 10A. Package Dimensions for 28 Lead PLCC
Reference Document: JEDEC Publication 95, MS-018
JEDEC Variation
All Dimensions in Millimeters
Symbol
Minimum
Maximum
N
28
A
4.19
4.57
A1
2.29
3.05
A2
1.57
2.11
b
0.33
0.53
c
0.19
0.32
D/E
12.32
12.57
D1/E1
11.43
11.58
D2/E2
5.21
5.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com