Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84330CI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS84330CI
Description  Crystal oscillator interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS84330CI Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS84330CI Datasheet HTML 1Page - Integrated Device Technology ICS84330CI Datasheet HTML 2Page - Integrated Device Technology ICS84330CI Datasheet HTML 3Page - Integrated Device Technology ICS84330CI Datasheet HTML 4Page - Integrated Device Technology ICS84330CI Datasheet HTML 5Page - Integrated Device Technology ICS84330CI Datasheet HTML 6Page - Integrated Device Technology ICS84330CI Datasheet HTML 7Page - Integrated Device Technology ICS84330CI Datasheet HTML 8Page - Integrated Device Technology ICS84330CI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ICS84330CVI REVISION A JANUARY 7, 2011
4
©2011 Integrated Device Technology, Inc.
ICS84330CI Data Sheet
720MHZ, CRYSTAL-TO-LVPECL FREQUENCY SYNTHESIZER
Function Tables
Table 3A. Parallel and Serial Mode Function Table
NOTE:
L = LOW
H = HIGH
X = Don’t care
 = Rising edge transition
 = Falling edge transition
Table 3B. Programmable VCO Frequency Function Table
NOTE 1: These M divide values and the resulting frequencies correspond to a crystal frequency of 16MHz.
Table 3C. Programmable Output DividerFunction Table
Inputs
Conditions
nP_LOAD
M
N
S_LOAD
S_CLOCK
S_DATA
X
X
X
X
X
X
Reset. M and N bits are all set HIGH.
L
Data
Data
X
X
X
Data on M and N inputs passed directly to the M divider and
N output divider. TEST mode 000.
Data
Data
L
X
X
Data is latched into input registers and remains loaded until next
LOW transition or until a serial event occurs.
HX
X
L
Data
Serial input mode. Shift register is loaded with data on S_DATA on
each rising edge of S_CLOCK.
HX
X
LData
Contents of the shift register are passed to the M divider and
N output divider.
HX
X
L
Data
M divider and N output divider values are latched.
H
X
X
L
X
X
Parallel or serial input do not affect shift registers.
HX
X
H
Data
S_DATA passed directly to M divider as it is clocked.
VCO Frequency
(MHz)
M Divide
256
128
64
32
16
8
4
2
1
M8
M7
M6
M5
M4
M3
M2
M1
M0
250
125
0
0
1111
10
1
252
126
0
0
1111
11
0
254
127
0
0
1111
10
1
256
128
0
1
0000
01
0
•
•
•
••••
•
•
•
•
•
•
•
••••
•
•
•
•
718
359
1
0
1100
11
1
720
360
1
0
1101
00
0
Inputs
N Divider Value
Output Frequency (MHz)
N1
N0
Minimum
Maximum
00
2
125
360
01
4
62.5
180
1
0
8
31.25
90
11
1
250
720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com