Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5401 Datasheet (PDF) - Maxim Integrated Products

MAX5401 Datasheet PDF - Maxim Integrated Products
Part # MAX5401
Download  MAX5401 Download
File Size   250.29 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23

MAX5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5401 Datasheet PDF - Maxim Integrated Products

Part # MAX5401
Download  MAX5401 Click to download

File Size   250.29 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23

MAX5401 Datasheet (HTML) - Maxim Integrated Products


MAX5401 Product details

General Description

The MAX5400/MAX5401 digital potentiometers offer 256-tap SOT-PoT™ digitally controlled variable resistors in tiny 8-pin SOT23 packages. Each device functions as a mechanical potentiometer, consisting of a fixed resistor string with a digitally controlled wiper contact. They operate from +2.7V to +5.5V single-supply voltages and use an ultra-low supply current of 0.1µA. These devices also provide glitchless switching between resistor taps, as well as a convenient power on reset that sets the wiper to the midscale position at power-up. A low 5ppm/°C ratiometric temperature coefficient makes it ideal for applications requiring low drift.



Features

♦ Miniature 8-Pin SOT23 (3mm x 3mm)

♦ 256 Tap Positions

♦ Ultra-Low 0.1µA Supply Current

♦ Single-Supply Operation: +2.7V to +5.5V

♦ Low Ratiometric Temperature Coefficient: 5ppm/°C

♦ Power-On Reset: Wiper Goes to Midscale (Position 128)

♦ Glitchless Switching Between the Resistor Taps

♦ 3-Wire SPI™-Interface Compatible

♦ 50kΩ/100kΩ Resistor Values



Applications

  Mechanical Potentiometer Replacement

  Low-Drift PGAs

  Adjustable Voltage References



 




Similar Part No. - MAX5401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5401EKA MAXIM-MAX5401EKA Datasheet
252Kb / 8P
Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5401EKA-T MAXIM-MAX5401EKA-T Datasheet
252Kb / 8P
Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
More results


Similar Description - MAX5401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5401EKA MAXIM-MAX5401EKA Datasheet
252Kb / 8P
Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Maxim Integrated Produc...
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com