Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6390 Datasheet (PDF) - Maxim Integrated Products

MAX6390 Datasheet PDF - Maxim Integrated Products
Part # MAX6390
Download  MAX6390 Download
File Size   195.38 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits

MAX6390 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6390 Datasheet PDF - Maxim Integrated Products

Part # MAX6390
Download  MAX6390 Click to download

File Size   195.38 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits

MAX6390 Datasheet (HTML) - Maxim Integrated Products


MAX6390 Product details

General Description

The MAX6381–MAX6390 microprocessor (µP) supervisory circuits monitor power-supply voltages from +1.8V to +5.0V while consuming only 3µA of supply current at +1.8V. Whenever VCC falls below the factory-set reset thresholds, the reset output asserts and remains asserted for a minimum reset timeout period after VCC rises above the reset threshold. Reset thresholds are available from +1.58V to +4.63V, in approximately 100mV increments. Seven minimum reset timeout delays ranging from 1ms to 1200ms are available.



Features

♦ Factory-Set Reset Threshold Voltages Ranging from +1.58V to +4.63V in Approximately 100mV Increments

♦ ±2.5% Reset Threshold Accuracy Over Temperature (-40°C to +125°C)

♦ Seven Reset Timeout Periods Available: 1ms, 20ms, 140ms, 280ms, 560ms, 1120ms, 1200ms (min)

♦ 3 Reset Output Options

   Active-Low Push-Pull

   Active-High Push-Pull

   Active-Low Open-Drain

♦ Reset Output State Guaranteed Valid Down to VCC = 1V

♦ Manual Reset Input (MAX6384/MAX6385/MAX6386)

♦ Auxiliary RESET IN (MAX6387/MAX6388/MAX6389)

♦ VCC Reset Timeout (1120ms or 1200ms)/Manual

          Reset Timeout (140ms or 150ms) (MAX6390)

♦ Negative-Going VCC Transient Immunity

♦ Low Power Consumption of 6µA at +3.6V and 3µA at +1.8V

♦ Pin Compatible with MAX809/MAX810/MAX803/MAX6326/MAX6327/MAX6328/MAX6346/MAX6347/MAX6348, and MAX6711/MAX6712/MAX6713

♦ Tiny 3-Pin/4-Pin SC70 and 6-Pin µDFN Packages



Applications

  Computers

  Controllers

  Intelligent Instruments

  Critical µP and µC

  Power Monitoring

  Portable/Battery

  Powered Equipment

  Dual Voltage Systems



 




Similar Part No. - MAX6390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6390LT MAXIM-MAX6390LT Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390LT__D_+T MAXIM-MAX6390LT__D_+T Datasheet
327Kb / 10P
SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6390XS MAXIM-MAX6390XS Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390XS__D_+T MAXIM-MAX6390XS__D_+T Datasheet
327Kb / 10P
SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results


Similar Description - MAX6390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com