Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX669 Datasheet (PDF) - Maxim Integrated Products

MAX669 Datasheet PDF - Maxim Integrated Products
Part # MAX669
Download  MAX669 Download
File Size   326.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V to 28V Input, PWM Step-Up Controllers in 關MAX

MAX669 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX669 Datasheet PDF - Maxim Integrated Products

Part # MAX669
Download  MAX669 Click to download

File Size   326.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V to 28V Input, PWM Step-Up Controllers in 關MAX

MAX669 Datasheet (HTML) - Maxim Integrated Products


MAX669 Product details

General Description
The MAX668/MAX669 constant-frequency, pulse-width modulating (PWM), current-mode DC-DC controllers are designed for a wide range of DC-DC conversion applications including step-up, SEPIC, flyback, and isolated output configurations. Power levels of 20W or more can be controlled with conversion efficiencies of over 90%. The 1.8V to 28V input voltage range supports a wide range of battery and AC-powered inputs. An advanced BiCMOS design features low operating current (220µA), adjustable operating frequency (100kHz to 500kHz), soft-start, and a SYNC input allowing the MAX668/MAX669 oscillator to be locked to an external clock.
DC-DC conversion efficiency is optimized with a low 100mV current-sense voltage as well as with Maxim’s proprietary Idle Mode™ control scheme. The controller operates in PWM mode at medium and heavy loads for lowest noise and optimum efficiency, then pulses only as needed (with reduced inductor current) to reduce operating current and maximize efficiency under light loads. A logic-level shutdown input is also included, reducing supply current to 3.5µA.

Features
♦ 1.8V Minimum Start-Up Voltage (MAX669)
♦ Wide Input Voltage Range (1.8V to 28V)
♦ Tiny 10-Pin µMAX Package
♦ Current-Mode PWM and Idle Mode™ Operation
♦ Efficiency over 90%
♦ Adjustable 100kHz to 500kHz Oscillator or SYNC Input
♦ 220µA Quiescent Current
♦ Logic-Level Shutdown
♦ Soft-Start

Applications
  Cellular Telephones
  Telecom Hardware
  LANs and Network Systems
  POS Systems




Similar Part No. - MAX669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX669 MAXIM-MAX669 Datasheet
82Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6690 MAXIM-MAX6690 Datasheet
154Kb / 16P
2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX66901-K00# MAXIM-MAX66901-K00# Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Similar Description - MAX669

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
2-CHANNEL STEP-UP PWM CONTROLLERS
V 0.1
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
1.8V Input PWM Step-Up Regulator
October 15, 2008
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012_10 Datasheet
656Kb / 10P
1.8V Input PWM Step-Up Regulator
December 8, 2010
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_02 Datasheet
294Kb / 18P
1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
1.8V Input PWM Step-Up Regulator
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com