Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX687 Datasheet (PDF) - Maxim Integrated Products

MAX687 Datasheet PDF - Maxim Integrated Products
Part # MAX687
Download  MAX687 Download
File Size   103.26 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Accuracy, Low-Dropout Linear Regulators

MAX687 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX687 Datasheet PDF - Maxim Integrated Products

Part # MAX687
Download  MAX687 Click to download

File Size   103.26 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Accuracy, Low-Dropout Linear Regulators

MAX687 Datasheet (HTML) - Maxim Integrated Products


MAX687 Product details

General Description
The MAX687/MAX688/MAX689 low-dropout linear regulators operate with an input-to-output voltage differential limited only by an external PNP transistor. Outputs are fixed at 3.3V (MAX687/MAX688) or 3.0V (MAX689). The only external components required are a PNP pass transistor and output, compensation, and bypass capacitors. Base drive to the external transistor is at least 10mA, permitting output currents to exceed 1A when using high-gain transistors (β > 100). Output current limiting is implemented by limiting the external transistor’s base current. Output voltage monitoring and shutdown functions are included.

Features
♦ Fixed Outputs:
   3.3V (MAX687/MAX688)
   3.0V (MAX689)
♦ Directly Drives External PNP Transistor
♦ 10mA Min Base-Current Drive for >1A Output
♦ Low Dropout Voltage:
   100mV Dropout at 650mA Output (FZT749)
   40mV Dropout at 200mA Output (FZT749)
   0.8V Dropout at 4A Output
♦ Power-Fail Output Monitors the Output Voltage
♦ Automatic, Latched Shutdown when Output Falls Out
   of Regulation (MAX687)
♦ Precision Threshold Shutdown Control
   (MAX688/MAX689)
♦ Low Supply Current:
   150µA Operating
   <1µA Shutdown
♦ 2.7V to 11.0V Supply Range
♦ 8-Pin DIP/SO/µMAX Packages
♦ <2mV Line Transient with 3.4V to 3.6V Input
♦ Output Accuracy <±2%

Applications
   High-Efficiency Linear Regulator
   Battery-Powered Devices
   Portable Instruments
   Portable Telephones
   Power Supply or Backup Supply for Memory




Similar Part No. - MAX687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6870ETJ MAXIM-MAX6870ETJ Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871 MAXIM-MAX6871 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871ETJ MAXIM-MAX6871ETJ Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
More results


Similar Description - MAX687

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Global Mixed-mode Techn...
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
500mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G951 GMT-G951 Datasheet
66Kb / 1P
1A, Low-Dropout Linear Regulators
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com