Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6872 Datasheet (PDF) - Maxim Integrated Products

MAX6872 Datasheet PDF - Maxim Integrated Products
Part # MAX6872
Download  MAX6872 Download
File Size   379.74 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors

MAX6872 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6872 Datasheet PDF - Maxim Integrated Products

Part # MAX6872
Download  MAX6872 Click to download

File Size   379.74 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors

MAX6872 Datasheet (HTML) - Maxim Integrated Products


MAX6872 Product details

General Description
The MAX6872/MAX6873 EEPROM-configurable, multi voltage supply sequencers/supervisors monitor several voltage detector inputs and four general-purpose logic inputs. The MAX6872/MAX6873 feature programmable outputs for highly configurable power-supply sequencing applications. The MAX6872 features six voltage detector inputs and eight programmable outputs, while the MAX6873 features four voltage detector inputs and five programmable outputs. Manual reset and margin disable inputs offer additional flexibility.

Features
♦ Six (MAX6872) or Four (MAX6873) Configurable
   Input Voltage Detectors
   One High Voltage Input (+1.25V to +7.625V or
      +2.5V to +13.2V Thresholds)
   One Bipolar Voltage Input (±1.25V to ±7.625V
      or ±2.5V to ±15.25V Thresholds)
   Four (MAX6872) or Two (MAX6873) Positive
      Voltage Inputs (+0.5V to +3.05V or +1V to
      +5.5V Thresholds)
♦ Four General-Purpose Logic Inputs
♦ Two Configurable Watchdog Timers
♦ Eight (MAX6872) or Five (MAX6873)
   Programmable Outputs
   Active-High, Active-Low, Open-Drain, Weak
      Pullup, Push-Pull, Charge-Pump
   Timing Delays from 25µs to 1600ms
♦ Margining Disable and Manual Reset Controls
♦ 4kb Internal User EEPROM
   Endurance: 100,000 Erase/Write Cycles
   Data Retention: 10 Years
♦ I2C/SMBus-Compatible Serial
   Configuration/Communication Interface
♦ ±1% Threshold Accuracy

Applications
   Telecommunications/Central Office Systems
   Networking Systems
   Servers/Workstations
   Base Stations
   Storage Equipment
   Multimicroprocessor/Voltage Systems




Similar Part No. - MAX6872

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX687 MAXIM-MAX687 Datasheet
103Kb / 12P
High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX687-MAX689 MAXIM-MAX687-MAX689 Datasheet
103Kb / 12P
High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6870ETJ MAXIM-MAX6870ETJ Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871 MAXIM-MAX6871 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
More results


Similar Description - MAX6872

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com