Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6874 Datasheet (PDF) - Maxim Integrated Products

MAX6874 Datasheet PDF - Maxim Integrated Products
Part # MAX6874
Download  MAX6874 Download
File Size   342.72 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors

MAX6874 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6874 Datasheet PDF - Maxim Integrated Products

Part # MAX6874
Download  MAX6874 Click to download

File Size   342.72 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors

MAX6874 Datasheet (HTML) - Maxim Integrated Products


MAX6874 Product details

General Description
The MAX6874/MAX6875 EEPROM-configurable, multi voltage supply sequencers/supervisors monitor several voltage detector inputs and general-purpose logic inputs, and provide programmable open-drain outputs for highly configurable power-supply sequencing applications. The MAX6874 provides six voltage monitor inputs, four general-purpose inputs, and eight programmable open-drain outputs. The MAX6875 provides four voltage monitor inputs, three general-purpose inputs, and five programmable open-drain outputs. Manual reset and margin disable inputs provide additional flexibility.

Features
♦ Six (MAX6874) or Four (MAX6875) Configurable
   Input Voltage Detectors
     One High Voltage Input (+1.25V to +7.625V or +2.5V to +13.2V Thresholds)
     One Voltage Input (+1.25V to +3.05V or +2.5V to +5.5V)
     Four (MAX6874) or Two (MAX6875) Positive Voltage Inputs (+0.5V to +3.05V or +1V to +5.5V)
♦ Four (MAX6874) or Three (MAX6875) General Purpose Logic Inputs
♦ Two Configurable Watchdog Timers
♦ Eight (MAX6874) or Five (MAX6875) Programmable
   Open-Drain Outputs
   Active-High or Active-Low
   Timing Delays from 25µs to 1600ms
♦ Margining Disable and Manual Reset Controls
♦ 4kb Internal User EEPROM
  Endurance: 100,000 Erase/Write Cycles
  Data Retention: 10 Years
♦ I2C/SMBus-Compatible Serial Configuration/Communication Interface
♦ ±1% Threshold Accuracy

Applications
   Telecommunications/Central Office Systems
   Networking Systems
   Servers/Workstations
   Base Stations
   Storage Equipment
   Multimicroprocessor/Voltage Systems




Similar Part No. - MAX6874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX687 MAXIM-MAX687 Datasheet
103Kb / 12P
High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX687-MAX689 MAXIM-MAX687-MAX689 Datasheet
103Kb / 12P
High-Accuracy, Low-Dropout Linear Regulators
Rev 0; 12/94
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6870ETJ MAXIM-MAX6870ETJ Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871 MAXIM-MAX6871 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
More results


Similar Description - MAX6874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com