Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70321SEH Datasheet (PDF) - Renesas Technology Corp

ISL70321SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70321SEH
Download  ISL70321SEH Download
File Size   1153.28 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Power Supply Sequencers

ISL70321SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70321SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70321SEH
Download  ISL70321SEH Click to download

File Size   1153.28 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad Power Supply Sequencers

ISL70321SEH Datasheet (HTML) - Renesas Technology Corp


ISL70321SEH Product details

Features
• Wide operating voltage range, 3V to 13.2V
• Single resistor sets the rising and falling delay
• Power-off POLs in reverse order or
simultaneously
• Precision voltage monitoring
• 600mV ±1.5% threshold voltage over
temperature and radiation
• Full military temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
• Radiation acceptance testing - ISL70321SEH
• High Dose Rate (HDR) (50-300rad(Si)/s):
100krad(Si)
• Low Lose Rate (LDR) (0.01rad(Si)/s): 75krad(Si)
• Radiation acceptance testing - ISL73321SEH
• Low Lose Rate (LDR) (0.01rad(Si)/s): 75krad(Si)
• SEE Hardness (Review SEE Report for details)
• No SEB/SEL LETTH, VDD = 14.7V:
86MeV•cm2/mg
• SET, SEFI free at LET 20MeV•cm2/mg
• Electrically screened to DLA SMD 5962-17225




Similar Part No. - ISL70321SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001ASEHEV1Z INTERSIL-ISL70001ASEHEV1Z Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
logo
Renesas Technology Corp
ISL70001ASEHEV1Z RENESAS-ISL70001ASEHEV1Z Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001ASEHF INTERSIL-ISL70001ASEHF Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
More results


Similar Description - ISL70321SEH

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT861X AEROFLEX-ACT861X Datasheet
127Kb / 5P
Radiation Hardened 50 Watt Power Supply Module
logo
Intersil Corporation
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
Radiation Hardened Quad Voltage Comparator
1999 07
logo
Maxim Integrated Produc...
MAX6819 MAXIM-MAX6819 Datasheet
204Kb / 8P
SOT23 Power-Supply Sequencers
Rev 2; 4/02
logo
Intersil Corporation
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
Radiation Hardened Quad Voltage Comparator
May 19, 2009
logo
Maxim Integrated Produc...
MAX6819 MAXIM-MAX6819_05 Datasheet
527Kb / 8P
SOT23 Power-Supply Sequencers
Rev 3; 12/05
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Intersil Corporation
HS-139EH INTERSIL-HS-139EH Datasheet
181Kb / 3P
Radiation Hardened Quad Voltage Comparator
July 12, 2012
logo
Renesas Technology Corp
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com