Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX791 Datasheet (PDF) - Maxim Integrated Products

MAX791 Datasheet PDF - Maxim Integrated Products
Part # MAX791
Download  MAX791 Download
File Size   146.66 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuit

MAX791 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX791 Datasheet PDF - Maxim Integrated Products

Part # MAX791
Download  MAX791 Click to download

File Size   146.66 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuit

MAX791 Datasheet (HTML) - Maxim Integrated Products


MAX791 Product details

General Description
The MAX791 microprocessor (µP) supervisory circuit reduces the complexity and number of components needed to monitor power-supply and battery-control functions in µP systems. The 50µA supply current makes the MAX791 ideal for use in portable equipment, while the 6ns chip-enable propagation delay and 250mA output capability (25mA in battery-backup mode) make it suitable for larger, higher-performance equipment.

Features
♦ Precision 4.65V Voltage Monitoring
♦ 200ms Power-OK/Reset Time Delay
♦ Independent Watchdog Timer—Preset or Adjustable
♦ 1µA Standby Current
♦ Power Switching
    250mA Output in VCC Mode
    25mA Output in Battery-Backup Mode
♦ On-Board Gating of Chip-Enable Signals
    Memory Write-Cycle Completion
    6ns CE Gate Propagation Delay
♦ MaxCap or SuperCap Compatible
♦ Voltage Monitor for Power-Fail or Low-Battery Warning
♦ Backup-Battery Monitor
♦ Guaranteed –R—E—S—E—T– Valid to VCC = 1V

Applications
    Computers
    Critical µP Power Monitoring
    Controllers
    Intelligent Instruments
    Portable/Battery Powered Equipment




Similar Part No. - MAX791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792 Datasheet
250Kb / 16P
Microprocessor and Non-Volatile Memory Supervisory Circuits
Rev. 2; 6/98
MAX792C MAXIM-MAX792C Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CPE MAXIM-MAX792CPE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CSE MAXIM-MAX792CSE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792D MAXIM-MAX792D Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
More results


Similar Description - MAX791

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com