Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX776 Datasheet (PDF) - Maxim Integrated Products

MAX776 Datasheet PDF - Maxim Integrated Products
Part # MAX776
Download  MAX776 Download
File Size   163.07 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers

MAX776 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX776 Datasheet PDF - Maxim Integrated Products

Part # MAX776
Download  MAX776 Click to download

File Size   163.07 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers

MAX776 Datasheet (HTML) - Maxim Integrated Products


MAX776 Product details

General Description
The MAX774/MAX775/MAX776 inverting switching regulators deliver high efficiency over three decades of load current. A unique current-limited, pulse-frequency-modulated (PFM) control scheme provides the benefits of pulse-width modulation (high efficiency with heavy loads), while using less than 100µA of supply current (vs. 2mA to 10mA for PWM converters). The result is high efficiency over a wide range of loads.

Features
♦ 85% Efficiency for 5mA to 1A Load Currents
♦ Up to 5W Output Power
♦ 100µA Max Supply Current
♦ 5µA Max Shutdown Current
♦ 3V to 16.5V Input Range
♦ -5V (MAX774), -12V (MAX775), -15V (MAX776), or Adjustable Output Voltage
♦ Current-Limited PFM Control Scheme
♦ 300kHz Switching Frequency

Applications
    LCD-Bias Generators
    High-Efficiency DC-DC Converters
    Battery-Powered Applications
    Data Communicators




Similar Part No. - MAX776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77640 MAXIM-MAX77640 Datasheet
4Mb / 22P
Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77640EVKIT MAXIM-MAX77640EVKIT Datasheet
4Mb / 22P
Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77641 MAXIM-MAX77641 Datasheet
4Mb / 22P
Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77642 MAXIM-MAX77642 Datasheet
2Mb / 23P
On-Board Electronic Loads
319-100635; Rev 0; 11/20
MAX77642ANA+T MAXIM-MAX77642ANA+T Datasheet
2Mb / 91P
Ultra Configurable PMIC Featuring 93% Peak Efficiency Single-Inductor, 3-Output Buck-Boost, 1-LDO for Long Battery Life
2021
More results


Similar Description - MAX776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com