Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR1021L-S08-R Datasheet (PDF) - Unisonic Technologies

USR1021L-S08-R Datasheet PDF - Unisonic Technologies
Part # USR1021L-S08-R
Download  USR1021L-S08-R Download
File Size   183.82 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A SYNCHRONOUS BUCK REGULATOR

USR1021L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
USR1021L-S08-R Datasheet PDF - Unisonic Technologies

Part # USR1021L-S08-R
Download  USR1021L-S08-R Click to download

File Size   183.82 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A SYNCHRONOUS BUCK REGULATOR

USR1021L-S08-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - USR1021L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1021L-S08-R UTC-USR1021L-S08-R Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
More results


Similar Description - USR1021L-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
3MHz, 3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Micrel Semiconductor
MIC28511 MICREL-MIC28511 Datasheet
519Kb / 10P
60V/3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com