Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX867 Datasheet (PDF) - Maxim Integrated Products

MAX867 Datasheet PDF - Maxim Integrated Products
Part # MAX867
Download  MAX867 Download
File Size   139.75 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters

MAX867 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX867 Datasheet PDF - Maxim Integrated Products

Part # MAX867
Download  MAX867 Click to download

File Size   139.75 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters

MAX867 Datasheet (HTML) - Maxim Integrated Products


MAX867 Product details

General Description
The MAX866 and MAX867 are ultra-small, high-efficiency, CMOS, step-up, DC-DC switching regulators for 1-cell battery-powered systems. The MAX866 accepts a positive input voltage between 0.8V and VOUT and converts it to a higher, pin-selectable output voltage of 3.3V or 5V. The MAX867 adjustable version accepts 0.8V to 6.0V input voltages and generates a higher adjustable output voltage in the 2.7V to 6.0V range. Typical efficiencies are greater than 80%. Typical no-load supply current is 100µA (1µA in shutdown).
The MAX866/MAX867 combine ultra-low quiescent supply current and high efficiency to give maximum battery life. Its high switching frequency permits the use of small, low-cost inductors and capacitors. Additionally, internal peak-current limiting protects the IC.

Features
♦ 0.8V to 6.0V Input Supply Voltage
♦ 0.9V Guaranteed Start-Up Supply Voltage
♦ >80% Efficiency Over Wide Load Range
♦ 100µA No-Load Battery Current (VOUT = 3.3V)
♦ 1µA Shutdown Mode
♦ Up to 250kHz Switching Frequency
♦ ±1.5% Reference Tolerance
♦ Low-Battery Detector (LBI/LBO)
♦ Available in Ultra-Small 8-Pin µMAX Package (1.11mm high)
♦ Circuit Fits in 0.2in2

Applications
   Pagers
   Remote Controls
   Detectors
   1-Cell Battery-Operated Equipment
   Backup Supplies




Similar Part No. - MAX867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X Datasheet
796Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671XETL+ MAXIM-MAX8671XETL+ Datasheet
796Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671XETL+ MAXIM-MAX8671XETL+ Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
More results


Similar Description - MAX867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com