Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX861 Datasheet (PDF) - Maxim Integrated Products

MAX861 Datasheet PDF - Maxim Integrated Products
Part # MAX861
Download  MAX861 Download
File Size   142.22 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters

MAX861 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX861 Datasheet PDF - Maxim Integrated Products

Part # MAX861
Download  MAX861 Click to download

File Size   142.22 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters

MAX861 Datasheet (HTML) - Maxim Integrated Products


MAX861 Product details

General Description
The MAX860/MAX861 charge-pump voltage converters invert input voltages ranging from +1.5V to +5.5V, or double input voltages ranging from +2.5V to +5.5V. Because of their high switching frequencies, these devices use only two small, low-cost capacitors. Their 50mA output makes switching regulators unnecessary, eliminating inductors and their associated cost, size, and EMI. Greater than 90% efficiency over most of the load-current range, combined with a typical operating current of only 200µA (MAX860), provides ideal performance for both battery-powered and board-level voltage-conversion applications.

Features
♦ 8-Pin, 1.11mm High µMAX Package
♦ Invert or Double the Input Supply Voltage
♦ Three Selectable Switching Frequencies
♦ High Frequency Reduces Capacitor Size
♦ 87% Efficiency at 50mA
♦ 200µA Quiescent Current (MAX860)
♦ 1µA Shutdown Supply Current
♦ 600mV Voltage Drop at 50mA Load
♦ 12Ω Output Resistance

Applications
    Portable Computers
    Medical Instruments
    Interface Power Supplies
    Hand-Held Instruments
    Operational-Amplifier Power Supplies




Similar Part No. - MAX861

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX861 MAXIM-MAX861 Datasheet
174Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX8610 MAXIM-MAX8610 Datasheet
135Kb / 2P
8-Channel PMICs for Digital Camera Power Supplies
Rev 6; 7/07
MAX8610ETM+ MAXIM-MAX8610ETM+ Datasheet
135Kb / 2P
8-Channel PMICs for Digital Camera Power Supplies
Rev 6; 7/07
MAX8611 MAXIM-MAX8611 Datasheet
135Kb / 2P
8-Channel PMICs for Digital Camera Power Supplies
Rev 6; 7/07
MAX8611ETM+ MAXIM-MAX8611ETM+ Datasheet
135Kb / 2P
8-Channel PMICs for Digital Camera Power Supplies
Rev 6; 7/07
More results


Similar Description - MAX861

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1680 MAXIM-MAX1680 Datasheet
103Kb / 12P
125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 0; 7/97
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
Switched Capacitor Voltage Converters
2001
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
logo
Maxim Integrated Produc...
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
logo
Microchip Technology
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com