Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S486G-S08-R Datasheet (PDF) - Unisonic Technologies

S486G-S08-R Datasheet PDF - Unisonic Technologies
Part # S486G-S08-R
Download  S486G-S08-R Download
File Size   266.13 Kbytes
Page   12 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE

S486G-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
S486G-S08-R Datasheet PDF - Unisonic Technologies

Part # S486G-S08-R
Download  S486G-S08-R Click to download

File Size   266.13 Kbytes
Page   12 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE

S486G-S08-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - S486G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S486G-S08-R UTC-S486G-S08-R Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486G-S08-R UTC-S486G-S08-R Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results


Similar Description - S486G-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
logo
Unisonic Technologies
S486 UTC-S486 Datasheet
162Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
STMicroelectronics
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
Unisonic Technologies
S486 UTC-S486_17 Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com